Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608C0G1H220J Datasheet(PDF) 11 Page - Texas Instruments

Part # C1608C0G1H220J
Description  ADS1131REF and ADS1231REF
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1608C0G1H220J Datasheet(HTML) 11 Page - Texas Instruments

Back Button C1608C0G1H220J Datasheet HTML 7Page - Texas Instruments C1608C0G1H220J Datasheet HTML 8Page - Texas Instruments C1608C0G1H220J Datasheet HTML 9Page - Texas Instruments C1608C0G1H220J Datasheet HTML 10Page - Texas Instruments C1608C0G1H220J Datasheet HTML 11Page - Texas Instruments C1608C0G1H220J Datasheet HTML 12Page - Texas Instruments C1608C0G1H220J Datasheet HTML 13Page - Texas Instruments C1608C0G1H220J Datasheet HTML 14Page - Texas Instruments C1608C0G1H220J Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
www.ti.com
Analysis Mode
3
Analysis Mode
In Analysis mode, the ADS1x31REF analyzes code output from the installed ADS device and displays it in
different ways. Table 3 summarizes the numerous display modes available, together with example
displays.
NOTE:
The values shown in Table 3 are consistent for a 24-bit device, such as the ADS1231.
However, the ADS1131 is an 18-bit device, so the actual number of codes will be fewer than
the examples shown here.
Table 3. Modes and Example Displays
Hex Code
Dec Code
Voltage
ENOB
Raw
1992E9H
+1676001
+499.488M
n/a
RMS
n/a
+5.789
+17.495N
+23.18BIT
Peak-to-Peak
n/a
+31.256
+90.293N
+21.92BIT
Averaged
n/a
+1676001
+499.488M
n/a
The ADS1x31REF operates in Analysis mode when the mode switch is set to the ANALYSIS position.
The default Analysis mode is RAW HEX.
To change measurement types, hold down DISP and press MODE. This function cycles through the four
available measurement types. When DISP is released, the newly selected measurement is made. To
change units, press UNIT. This option cycles through the available units for the active measurement type.
This procedure can also be done while DISP is depressed; in that case, the new unit is shown by name
on the display. The measurement modes are described in detail in Section 3.2.
The ADS1131 or ADS1231 itself can be configured directly from this mode, as described in Section 3.1.
3.1
Switch Functions
NEW BLOCK: Pressing this switch resets the collection process for the RMS, peak-to-peak, and
averaged measurements.
UNIT: Cycles between available units. Not all units are available in all modes.
DISP: When this switch is pressed, the display shows the current measurement mode and unit. While
DISP is still pressed, pressing NEW BLOCK / MODE cycles through the available measurement modes.
CHIP: Holding this switch down allows the settings of the installed ADS device to be changed, using the
PARM (NEW BLOCK) and VAL (UNIT) buttons.
Pressing PARM while CHIP is pressed down cycles through the available parameters of gain and data
rate.
The gain setting is displayed as GAIN= followed by the gain setting. The gain setting is for display only,
because the gain is fixed at 64 for the ADS1131 and 128 for the ADS1231.
Data rate is shown on the display as SPD=FAST or SPD=SLOW. See ADC speed in the Parameters section
for further information.
If any of these parameters are changed during a multisample measurement, the measurement is
restarted.
11
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - C1608C0G1H220J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1H220J TDK-C1608C0G1H220J Datasheet
190Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H220J TDK-C1608C0G1H220J Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
C1608C0G1H220J TDK-C1608C0G1H220J Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Texas Instruments
C1608C0G1H220J TI1-C1608C0G1H220J Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
TDK Electronics
C1608C0G1H220J(080AA) TDK-C1608C0G1H220J(080AA) Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C1608C0G1H220J

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2 Datasheet
1Mb / 15P
   Compatible with pick and place and
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
   Supports SSDs and HDDs and tapedrives
logo
Ferroxcube Internationa...
FRM20 FERROXCUBE-FRM20_1 Datasheet
59Kb / 6P
   Frame and Bar cores and accessories
CPHS-FRM21-7S-8P FERROXCUBE-CPHS-FRM21-7S-8P Datasheet
29Kb / 1P
   Frame and Bar cores and accessories
CPHS-FRM27-6S-8P FERROXCUBE-CPHS-FRM27-6S-8P Datasheet
34Kb / 1P
   Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
   Frame and Bar cores and accessories
FRM243910 FERROXCUBE-FRM243910 Datasheet
58Kb / 5P
   Frame and Bar cores and accessories
logo
Maxim Integrated Produc...
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
   Measures and Displays Remote and Internal
Rev 0; 12/00
logo
Renesas Technology Corp
SLG7NT4774V RENESAS-SLG7NT4774V Datasheet
977Kb / 9P
   ALL_SYS_PWRGD and PCH_PWROK and SYS_PWROK Logic
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com