Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F381 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # C8051F381
Description  USB DRIVER CUSTOMIZATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F381 Datasheet(HTML) 4 Page - Silicon Laboratories

  C8051F381 Datasheet HTML 1Page - Silicon Laboratories C8051F381 Datasheet HTML 2Page - Silicon Laboratories C8051F381 Datasheet HTML 3Page - Silicon Laboratories C8051F381 Datasheet HTML 4Page - Silicon Laboratories C8051F381 Datasheet HTML 5Page - Silicon Laboratories C8051F381 Datasheet HTML 6Page - Silicon Laboratories C8051F381 Datasheet HTML 7Page - Silicon Laboratories C8051F381 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN220
4
Rev. 0.6
Figure 6. Add VID/PID/Device Name to Installation
Figure 7. Windows 7 Device Manager Example
If an installer is not being generated, then skip to “4.9.
Option Verification”.
4.5. Installation String Options
The next step in the customization process is to specify
options for the driver installer. The driver installer will
allow for a device to be installed before or after a device
has been connected to the PC. If this is run before a
device is plugged in, drivers will already be registered
for devices that belong to that installation. If a device is
already plugged in, the installer will rescan the bus for
any devices for that installation. This section covers
adding the installer's strings and is shown in Figure 8.
The driver installer and its corresponding setup.ini file
are explained in further detail in “AN335: USB Driver
Installation Utility”.
4.5.1. Product Name
This is the string that identifies the product installation in
the Add/Remove Programs listing. The string shows up
as “<Product Name String> (Driver Removal)” for easy
identification.
4.5.2. Name for Installation File
This is will be the name of the installation executable
and shows up as “<InstallName>.exe”.
Figure 8. Installation Strings


Similar Part No. - C8051F381

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F381-GM SILABS-C8051F381-GM Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
C8051F381-GM SILABS-C8051F381-GM Datasheet
182Kb / 2P
   C8051F38x Datasheet Revision 1.2
C8051F381-GM SILABS-C8051F381-GM Datasheet
84Kb / 1P
   Version 1.3 of the C8051F380/1/2/3/4/5/6/7 datasheet is now available
C8051F381-GQ SILABS-C8051F381-GQ Datasheet
82Kb / 2P
   Full Speed USB Flash MCU Family
C8051F381-GQ SILABS-C8051F381-GQ Datasheet
182Kb / 2P
   C8051F38x Datasheet Revision 1.2
More results

Similar Description - C8051F381

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAE1575R2540BBDB1-T ABRACON-APAE1575R2540BBDB1-T Datasheet
2Mb / 3P
   Customization Available
11.14.13
APAE1621R2540ABDD1-T ABRACON-APAE1621R2540ABDD1-T Datasheet
2Mb / 3P
   Customization Available
12.10.15
APAE2338L2540DDDB1-T ABRACON-APAE2338L2540DDDB1-T Datasheet
2Mb / 3P
   Customization Available
07.20.2016
logo
Silicon Laboratories
AN144 SILABS-AN144 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
AN721 SILABS-AN721 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
AN335 SILABS-AN335 Datasheet
104Kb / 12P
   USB DRIVER INSTALLATION METHODS
logo
List of Unclassifed Man...
EPC-6200 ETC2-EPC-6200 Datasheet
468Kb / 1P
   ETX CPU Module for Scalable and Time-efficient Customization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
   1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
   3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
   3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com