Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1391R Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1391R
Description  Processing IC for Complementary Color Mosaic CCD Camera
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1391R Datasheet(HTML) 2 Page - Sony Corporation

  CXA1391R Datasheet HTML 1Page - Sony Corporation CXA1391R Datasheet HTML 2Page - Sony Corporation CXA1391R Datasheet HTML 3Page - Sony Corporation CXA1391R Datasheet HTML 4Page - Sony Corporation CXA1391R Datasheet HTML 5Page - Sony Corporation CXA1391R Datasheet HTML 6Page - Sony Corporation CXA1391R Datasheet HTML 7Page - Sony Corporation CXA1391R Datasheet HTML 8Page - Sony Corporation CXA1391R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
– 2 –
CXA1391Q/R
Pin Description
PIn
No.
1
2
3
4
Symbol
CLP C YH
Pin voltage
3 to 3.5V
Equivalent circuit
Description
Capacitor connecting pin
for YH clamp
(Clamp at CLP2)
DL YH signal input pin
(Input from 1H delay line)
Sig: Typ. 200mV
(Positive polarity)
Capacitor connecting pin
for DL YH clamp
(Clamp at CLP4)
DL YH signal output pin
(To 1H delay line)
Sig: Typ. 400mV
Max. 600mV
(Negative polarity)
2.4k
2.4k
180µA
80µA
1k
147
800
80µA
5k
1k
147
2.6k
2.6k
180µA
40µA
1k
147
1k
400µA
200
1
2
3
4
DL YH IN
3.65V
CLP C
DL YH
2.6 to 3.8V
DL YH
OUT
2.7 to 3.1V
Note) Pin voltage for input and output pins indicate black level.


Similar Part No. - CXA1391R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1390AQ SONY-CXA1390AQ Datasheet
502Kb / 17P
   S/H and AGC for CCD Camera
CXA1390AR SONY-CXA1390AR Datasheet
502Kb / 17P
   S/H and AGC for CCD Camera
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
CXA1398M SONY-CXA1398M Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
More results

Similar Description - CXA1391R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Sony Corporation
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
logo
Panasonic Semiconductor
AN2458SH PANASONIC-AN2458SH Datasheet
32Kb / 3P
   Color Encoder IC NTSC/PAL for CCD Video Camera
logo
ADTech
ADT7210 ADTECH-ADT7210 Datasheet
225Kb / 6P
   Multi-CH Power Supply IC for Color CCD Camera
logo
Sony Corporation
CXA1310AQ SONY-CXA1310AQ Datasheet
305Kb / 13P
   Single Chip Processing for CCD Monochrome Camera
logo
Panasonic Semiconductor
AN2125FHS PANASONIC-AN2125FHS Datasheet
21Kb / 1P
   NTSC/PAL signal processor IC for 510H color CCD camera
logo
Hitachi Semiconductor
KP-DE500 HITACHI-KP-DE500 Datasheet
81Kb / 9P
   EM-CCD Color Camera
logo
Sanyo Semicon Device
LA7265W SANYO-LA7265W Datasheet
569Kb / 23P
   Single-Chip Black and White CCD Camera signal Processing IC
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
   Digital Signal Processing IC for CCD Cameras
logo
ADTech
ADT7310 ADTECH-ADT7310 Datasheet
262Kb / 15P
   system specific power supply IC that is suitable for color CCD camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com