Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F346 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # C8051F346
Description  USB DRIVER CUSTOMIZATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F346 Datasheet(HTML) 6 Page - Silicon Laboratories

  C8051F346 Datasheet HTML 1Page - Silicon Laboratories C8051F346 Datasheet HTML 2Page - Silicon Laboratories C8051F346 Datasheet HTML 3Page - Silicon Laboratories C8051F346 Datasheet HTML 4Page - Silicon Laboratories C8051F346 Datasheet HTML 5Page - Silicon Laboratories C8051F346 Datasheet HTML 6Page - Silicon Laboratories C8051F346 Datasheet HTML 7Page - Silicon Laboratories C8051F346 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AN220
6
Rev. 0.6
Figure 10. Installation Options
4.8. Generation Directory
The next step in the customization utility is to specify
where this custom driver’s installation files will be
generated. The default directory for a VCP driver is
C:\Silabs\MCU\CustomCP210xDriverInstall,
and
the
default
for
a
USBXpress
Driver
is
C:\Silabs\MCU\CustomUSBXpressDriverInstall.
However, a different directory can be selected or
created. This step is shown in Figure 11.
Note: This is not an actual installation of the drivers.
This is simply a directory to output all installation
files needed for the installation. These files can
be added to a CD or OEM installation for distribu-
tion to the end-user.
Figure 11. Generation Directory
4.9. Option Verification
The final step in the customization utility is to review all
of the selected options. If anything needs to be
changed, the Back button can be used to go back to
previous pages to change items. Once all options have
been verified, press Finish to create the customized
driver files. This step is shown in Figure 12.
Figure 12. Option Verification
5. Customizing Driver Installations,
Macintosh OS9 and OSX
If the VID or PID is changed from the default factory
settings, contact Silicon Laboratories to obtain drivers
that incorporate the new values. Macintosh requires that
the drivers be compiled with the values that will be used
by the production CP210x device.


Similar Part No. - C8051F346

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F346 ETC1-C8051F346 Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
logo
Silicon Laboratories
C8051F346 SILABS-C8051F346 Datasheet
2Mb / 288P
   Full Speed USB Flash MCU Family
C8051F346 SILABS-C8051F346 Datasheet
1Mb / 276P
   On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
C8051F346-GM SILABS-C8051F346-GM Datasheet
1Mb / 276P
   On-chip debug circuity facilitates full speed non-intru-sive in-system debug (No emulatr required)
logo
List of Unclassifed Man...
C8051F346-GQ ETC1-C8051F346-GQ Datasheet
2Mb / 282P
   Full Speed USB Flash MCU Family
More results

Similar Description - C8051F346

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAE1575R2540BBDB1-T ABRACON-APAE1575R2540BBDB1-T Datasheet
2Mb / 3P
   Customization Available
11.14.13
APAE1621R2540ABDD1-T ABRACON-APAE1621R2540ABDD1-T Datasheet
2Mb / 3P
   Customization Available
12.10.15
APAE2338L2540DDDB1-T ABRACON-APAE2338L2540DDDB1-T Datasheet
2Mb / 3P
   Customization Available
07.20.2016
logo
Silicon Laboratories
AN144 SILABS-AN144 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
AN721 SILABS-AN721 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
AN335 SILABS-AN335 Datasheet
104Kb / 12P
   USB DRIVER INSTALLATION METHODS
logo
List of Unclassifed Man...
EPC-6200 ETC2-EPC-6200 Datasheet
468Kb / 1P
   ETX CPU Module for Scalable and Time-efficient Customization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
   1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
   3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
   3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com