Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC7225 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7225
Description  QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7225 Datasheet(HTML) 4 Page - Texas Instruments

  TLC7225 Datasheet HTML 1Page - Texas Instruments TLC7225 Datasheet HTML 2Page - Texas Instruments TLC7225 Datasheet HTML 3Page - Texas Instruments TLC7225 Datasheet HTML 4Page - Texas Instruments TLC7225 Datasheet HTML 5Page - Texas Instruments TLC7225 Datasheet HTML 6Page - Texas Instruments TLC7225 Datasheet HTML 7Page - Texas Instruments TLC7225 Datasheet HTML 8Page - Texas Instruments TLC7225 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLC7225C, TLC7225I
QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
SLAS109B – OCTOBER 1996 – REVISED FEBRUARY 2001
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
11.4
16.5
V
Supply voltage, VSS
– 5.5
0
V
High-level input voltage, VIH
2
V
Low-level input voltage, VIL
0.8
V
Reference voltage, Vref
2
VDD – 4
V
Load resistance, RL
2
k
Operating free air temperature TA
C suffix
0
70
°C
Operating free-air temperature, TA
I suffix
– 25
85
°C
timing requirements (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tsu(AW)
Setup time, address valid before WR
0
ns
tsu(DW)
Setup time, data valid before WR
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
45
ns
th(AW)
Hold time, address valid after WR
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
0
ns
th(DW)
Hold time, data valid after WR
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
10
ns
tw1
Pulse duration, WR low
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
50
ns
tw2
Pulse duration, LDAC low
VDD = 11.4 V to 16.5 V, VSS = 0 or – 5 V
50
ns


Similar Part No. - TLC7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225CDW TI-TLC7225CDW Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225CDWG4 TI-TLC7225CDWG4 Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225CDWR TI-TLC7225CDWR Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225CDWRG4 TI-TLC7225CDWRG4 Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5620CDR TI1-TLV5620CDR Datasheet
721Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226 TI1-TLC7226 Datasheet
457Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
218Kb / 10P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI-TLC5620C Datasheet
190Kb / 13P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620C TI-TLV5620C Datasheet
196Kb / 14P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI1-TLC7226C Datasheet
227Kb / 18P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC5620C TI1-TLC5620C_08 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7225C TI-TLC7225C Datasheet
289Kb / 21P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLV5620IDR TI-TLV5620IDR Datasheet
734Kb / 16P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
TLC7226C TI-TLC7226C_15 Datasheet
964Kb / 24P
[Old version datasheet]   QUADRUPLE 8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com