Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2102 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # CP2102
Description  USB DRIVER CUSTOMIZATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 3 Page - Silicon Laboratories

  CP2102 Datasheet HTML 1Page - Silicon Laboratories CP2102 Datasheet HTML 2Page - Silicon Laboratories CP2102 Datasheet HTML 3Page - Silicon Laboratories CP2102 Datasheet HTML 4Page - Silicon Laboratories CP2102 Datasheet HTML 5Page - Silicon Laboratories CP2102 Datasheet HTML 6Page - Silicon Laboratories CP2102 Datasheet HTML 7Page - Silicon Laboratories CP2102 Datasheet HTML 8Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN220
3
Rev. 0.6
4.3. String and File Name Customization
The next step in the customization utility (shown in
Figure 4) is to specify your preferred strings and
filenames. Each field is described in further detail below.
4.3.1. Company Name (Long Name for .inf File
Entries)
The company name appears in the .inf file entries and
has a maximum length of 255 characters.
4.3.2. Company Abbreviation (Short Name for .inf
File Entries)
The abbreviation appears in the .inf file entries and has
a maximum length of 31 characters.
4.3.3. File Name for .inf
This field allows for specification of a unique name for
the .inf file. The maximum length of this string is eight
characters.
The
generated
file
will
be
named
xxxxxxxx.inf.
Figure 4. string and File Customization
4.4. VID, PID, and Device Name Customiza-
tion
The next step in the customization utility (shown in
Figure 5) allows multiple VID/PID combinations in one
driver. This entry is also where the Device Name, which
appears in Windows Device Manager, is specified. An
example for Windows 7 is shown in Figure 7.
4.4.1. General Device Installation Name
This
field
is
the
general
description
of
device
installation. This will not appear in Device Manager, but
will show up during installation if the user is prompted
for a disk.
4.4.2. Device List
The
Device
List
allows
multiple
VID
and
PID
combinations to be added to one driver. Current devices
can be edited by double-clicking an entry.
Figure 5. VID and PID Customization
To add a new entry, click the Add button. A new dialog
box (shown in Figure 6) will appear with the following
options.
4.4.3. Device Type
This specifies which device is being customized. If the
VCP driver for the CP2105 is being customized, two
interface names will appear. Otherwise, only one
interface name will appear.
4.4.4. VID
Allows specification of a new vendor ID (VID).
4.4.5. PID
Allows specification of a new product ID (PID).
4.4.6. Device Name
This string will be displayed in Device Manager under
the Ports or USB tab. If the VCP driver for the CP2105
is being customized, two interface names will appear.


Similar Part No. - CP2102

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
CP2102 SILABS-CP2102 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
CP2102 SILABS-CP2102 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2102 SILABS-CP2102 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
More results

Similar Description - CP2102

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAE1575R2540BBDB1-T ABRACON-APAE1575R2540BBDB1-T Datasheet
2Mb / 3P
   Customization Available
11.14.13
APAE1621R2540ABDD1-T ABRACON-APAE1621R2540ABDD1-T Datasheet
2Mb / 3P
   Customization Available
12.10.15
APAE2338L2540DDDB1-T ABRACON-APAE2338L2540DDDB1-T Datasheet
2Mb / 3P
   Customization Available
07.20.2016
logo
Silicon Laboratories
AN144 SILABS-AN144 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
AN721 SILABS-AN721 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
AN335 SILABS-AN335 Datasheet
104Kb / 12P
   USB DRIVER INSTALLATION METHODS
logo
List of Unclassifed Man...
EPC-6200 ETC2-EPC-6200 Datasheet
468Kb / 1P
   ETX CPU Module for Scalable and Time-efficient Customization
logo
ON Semiconductor
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
   1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
   3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
   3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com