Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLC2810 Datasheet(PDF) 13 Page - Texas Instruments

Part No. TLC2810
Description  LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2810 Datasheet HTML 9Page - Texas Instruments TLC2810 Datasheet HTML 10Page - Texas Instruments TLC2810 Datasheet HTML 11Page - Texas Instruments TLC2810 Datasheet HTML 12Page - Texas Instruments TLC2810 Datasheet HTML 13Page - Texas Instruments TLC2810 Datasheet HTML 14Page - Texas Instruments TLC2810 Datasheet HTML 15Page - Texas Instruments TLC2810 Datasheet HTML 16Page - Texas Instruments TLC2810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
TLC2810Z, TLC2810Y
LinCMOS
™ PRECISION
DUAL OPERATIONAL AMPLIFIERS
SLOS120A – AUGUST 1993 – REVISED AUGUST 1994
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 17
4
2
1
0
6
3
5
8
7
– 75 – 50 – 25
0
25
50
75
100
125
SLEW RATE
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
VDD = 5 V
VI(PP) = 1 V
AV = 1
RL = 10 kΩ
CL = 20 pF
VDD = 5 V
150
Figure 18
10
100
1000
10000
3
2
1
0
4
5
f – Frequency – kHz
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
VDD = 5 V
RL = 10 kΩ
TA = – 40°C
TA = 25°C
TA = 150°C
Figure 19
– 75 – 50 – 25
0
25
50
75 100 125
1.1
2.3
2.9
3.5
1.7
0.5
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
150
VDD = 5 V
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
Figure 20
1.5
2
2.5
0
2
4
6
8
10
12
14
16
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
TA = 25°C
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
1


Similar Part No. - TLC2810

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLC2810Y TI1-TLC2810Y Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810ZD TI1-TLC2810ZD Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810ZDR TI1-TLC2810ZDR Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810ZP TI1-TLC2810ZP Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC2810

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2 Datasheet
509Kb / 34P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC252 TI-TLC252 Datasheet
330Kb / 21P
[Old version datasheet]   LinCMOSE DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC1078 TI-TLC1078 Datasheet
530Kb / 33P
[Old version datasheet]   LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
[Old version datasheet]   LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz