Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39VF200A-70-4I-B3K Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST39VF200A-70-4I-B3K
Description  2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39VF200A-70-4I-B3K Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST39VF200A-70-4I-B3K Datasheet HTML 1Page - Silicon Storage Technology, Inc SST39VF200A-70-4I-B3K Datasheet HTML 2Page - Silicon Storage Technology, Inc SST39VF200A-70-4I-B3K Datasheet HTML 3Page - Silicon Storage Technology, Inc SST39VF200A-70-4I-B3K Datasheet HTML 4Page - Silicon Storage Technology, Inc SST39VF200A-70-4I-B3K Datasheet HTML 5Page - Silicon Storage Technology, Inc SST39VF200A-70-4I-B3K Datasheet HTML 6Page - Silicon Storage Technology, Inc SST39VF200A-70-4I-B3K Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39VF200A-70-4I-B3K Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39VF200A-70-4I-B3K Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
©2001 Silicon Storage Technology, Inc.
S71117-04-000
6/01
360
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
MPF is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
Organized as 128K x16 / 256K x16 / 512K x16
Single Voltage Read and Write Operations
– 3.0-3.6V for SST39LF200A/400A/800A
– 2.7-3.6V for SST39VF200A/400A/800A
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Low Power Consumption
– Active Current: 20 mA (typical)
– Standby Current: 3 µA (typical)
Sector-Erase Capability
– Uniform 2 KWord sectors
Block-Erase Capability
– Uniform 32 KWord blocks
Fast Read Access Time
– 45 and 55 ns for SST39LF200A/400A
– 55 ns for SST39LF800A
– 70 and 90 ns for SST39VF200A/400A/800A
Latched Address and Data
Fast Erase and Word-Program
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Word-Program Time: 14 µs (typical)
– Chip Rewrite Time:
2 seconds (typical) for SST39LF/VF200A
4 seconds (typical) for SST39LF/VF400A
8 seconds (typical) for SST39LF/VF800A
Automatic Write Timing
– Internal VPP Generation
End-of-Write Detection
– Toggle Bit
– Data# Polling
CMOS I/O Compatibility
JEDEC Standard
– Flash EEPROM Pinouts and command sets
Packages Available
– 48-lead TSOP (12mm x 20mm)
– 48-ball TFBGA (6mm x 8mm)
PRODUCT DESCRIPTION
The SST39LF200A/400A/800A and SST39VF200A/400A/
800A devices are 128K x16 / 256K x16 / 512K x16 CMOS
Multi-Purpose Flash (MPF) manufactured with SST’s pro-
prietary, high performance CMOS SuperFlash technology.
The split-gate cell design and thick oxide tunneling injector
attain better reliability and manufacturability compared with
alternate approaches. The SST39LF200A/400A/800A
write (Program or Erase) with a 3.0-3.6V power supply. The
SST39VF200A/400A/800A write (Program or Erase) with a
2.7-3.6V power supply. These devices conform to JEDEC
standard pinouts for x16 memories.
Featuring
high
performance
Word-Program,
the
SST39LF200A/400A/800A
and
SST39VF200A/400A/
800A devices provide a typical Word-Program time of 14
µsec. The devices use Toggle Bit or Data# Polling to detect
the completion of the Program or Erase operation. To pro-
tect against inadvertent write, they have on-chip hardware
and software data protection schemes. Designed, manu-
factured, and tested for a wide spectrum of applications,
these devices are offered with a guaranteed endurance of
10,000 cycles. Data retention is rated at greater than 100
years.
The SST39LF200A/400A/800A and SST39VF200A/400A/
800A devices are suited for applications that require conve-
nient and economical updating of program, configuration,
or data memory. For all system applications, they signifi-
cantly improve performance and reliability, while lowering
power consumption. They inherently use less energy dur-
ing Erase and Program than alternative flash technologies.
When programming a flash device, the total energy con-
sumed is a function of the applied voltage, current, and
time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time, the total energy consumed during
any Erase or Program operation is less than alternative
flash technologies. These devices also improve flexibility
while lowering the cost for program, data, and configuration
storage applications.
The SuperFlash technology provides fixed Erase and Pro-
gram times, independent of the number of Erase/Program
cycles that have occurred. Therefore the system software
or hardware does not have to be modified or de-rated as is
necessary with alternative flash technologies, whose Erase
and Program times increase with accumulated Erase/Pro-
gram cycles.
To meet surface mount requirements, the SST39LF200A/
400A/800A and SST39VF200A/400A/800A are offered in
both 48-lead TSOP packages and 48-ball TFBGA pack-
ages. See Figures 1 and 2 for pinouts.
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A / SST39LF400A / SST39LF800A
SST39VF200A / SST39VF400A / SST39VF800A
SST39LF/VF200A / 400A / 800A3.0 & 2.7V 2Mb / 4Mb / 8Mb (x16) MPF memories


Similar Part No. - SST39VF200A-70-4I-B3K

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF200A-70-4I-B3K SST-SST39VF200A-70-4I-B3K Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39VF200A-70-4I-B3KE SST-SST39VF200A-70-4I-B3KE Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
More results

Similar Description - SST39VF200A-70-4I-B3K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
logo
Silicon Storage Technol...
SST39LF200A SST-SST39LF200A_10 Datasheet
862Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
SST39LF200A SST-SST39LF200A_07 Datasheet
843Kb / 31P
   2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
logo
Microchip Technology
SST39LF200A MICROCHIP-SST39LF200A_11 Datasheet
4Mb / 37P
   Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
2011 Silicon
logo
Silicon Storage Technol...
SST39WF800A SST-SST39WF800A_07 Datasheet
659Kb / 27P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800A SST-SST39WF800A Datasheet
444Kb / 25P
   8 Mbit (x16) Multi-Purpose Flash
SST39WF800B SST-SST39WF800B Datasheet
861Kb / 26P
   8 Mbit (x16) Multi-Purpose Flash
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
SST39WF400A SST-SST39WF400A Datasheet
462Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
SST39WF400A SST-SST39WF400A_03 Datasheet
415Kb / 26P
   4 Mbit (x16) Multi-Purpose Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com