Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1390AQ Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1390AQ
Description  S/H and AGC for CCD Camera
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1390AQ Datasheet(HTML) 2 Page - Sony Corporation

  CXA1390AQ Datasheet HTML 1Page - Sony Corporation CXA1390AQ Datasheet HTML 2Page - Sony Corporation CXA1390AQ Datasheet HTML 3Page - Sony Corporation CXA1390AQ Datasheet HTML 4Page - Sony Corporation CXA1390AQ Datasheet HTML 5Page - Sony Corporation CXA1390AQ Datasheet HTML 6Page - Sony Corporation CXA1390AQ Datasheet HTML 7Page - Sony Corporation CXA1390AQ Datasheet HTML 8Page - Sony Corporation CXA1390AQ Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
– 2 –
CXA1390AQ/AR
Pin Description and Standard Pin voltage
(VCC = 5V)
PIn
No.
1
34
35
40
41
42
48
2
3
4
5
6
27
7
18
20
26
45
46
47
10
17
24
Symbol
XSH1
XSHP
High speed pulse input
pin for S/H (active at L)
DC output pin of f1 to f3
output black level
Signal output pin
Capacitor connecting
pin for clamp
Signal output pin
Signal output pin Vcc
fluctuations effect is
minor on DC level
XSHD
XSP3
XSP2
XSP1
XSH2
DC OUT
GY OUT
F1 OUT
F2 OUT
F3 OUT
AGC OUT
CS CLP
IRIS CLP
DET CLP
AGC CLP
F3 CLP
F2 CLP
F1 CLP
CS OUT
IRIS OUT
DET OUT
1.7 to 2.2V
H: 4V and above
L: 1V and below
1.8 to 2.1V
Black level
1.8 to 2.1V
2.6 to 3.3V
2.0 to 2.6V
1.9 to 2.6V
2.3 to 2.8V
2.0 to 2.6V
2.0 to 2.6V
2.0 to 2.6V
1.7 to 2.0V
1.7 to 2.0V
Voltage
Equivalent circuit
Description
200
130
200
40
35
34
41
42
48
1
2
1k
180µA
3
4
5
6
27
300
360µA
130
7
18
20
26
45
46
47
300
200µA
10
17
24


Similar Part No. - CXA1390AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1391Q SONY-CXA1391Q Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXA1391R SONY-CXA1391R Datasheet
735Kb / 33P
   Processing IC for Complementary Color Mosaic CCD Camera
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
CXA1398M SONY-CXA1398M Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
CXA1398P SONY-CXA1398P Datasheet
526Kb / 20P
   RECORDING EQUALIZER IC FOR STEREO CASSETTE DECK
More results

Similar Description - CXA1390AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1439M SONY-CXA1439M Datasheet
141Kb / 8P
   CDS FOR CCD CAMERA
logo
Sharp Corporation
YH-7B58 SHARP-YH-7B58 Datasheet
386Kb / 16P
   SPECIPICATION FOR COLOR CCD CAMERA
logo
Sony Corporation
CXD2463R SONY-CXD2463R Datasheet
414Kb / 37P
   Timing Controller for CCD Camera
CXA1592Q SONY-CXA1592Q Datasheet
580Kb / 23P
   Encoder for CCD Color Camera
logo
Sharp Corporation
YH-7C12 SHARP-YH-7C12 Datasheet
306Kb / 14P
   SPECIFICATION FOR CCD CAMERA MODULE
logo
Panasonic Semiconductor
AN2130 PANASONIC-AN2130 Datasheet
641Kb / 7P
   Video Camera Gamma Correction and AGC Circuits
logo
A1 PROs co., Ltd.
AI4402 A1PROS-AI4402 Datasheet
190Kb / 14P
   Signal Processor for CCD Monochrome Camera
Ver1.0
logo
Rohm
BD6039GU ROHM-BD6039GU Datasheet
619Kb / 25P
   Power Supply for CCD Camera Module
BD6029GU ROHM-BD6029GU_10 Datasheet
515Kb / 20P
   Power Supply for CCD Camera Module
logo
Hamamatsu Corporation
C4880-20 HAMAMATSU-C4880-20 Datasheet
120Kb / 2P
   Digital CCD Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com