Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC16373A-EP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC16373A-EP
Description  16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC16373A-EP Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC16373A-EP Datasheet HTML 1Page - Texas Instruments SN74LVC16373A-EP Datasheet HTML 2Page - Texas Instruments SN74LVC16373A-EP Datasheet HTML 3Page - Texas Instruments SN74LVC16373A-EP Datasheet HTML 4Page - Texas Instruments SN74LVC16373A-EP Datasheet HTML 5Page - Texas Instruments SN74LVC16373A-EP Datasheet HTML 6Page - Texas Instruments SN74LVC16373A-EP Datasheet HTML 7Page - Texas Instruments SN74LVC16373A-EP Datasheet HTML 8Page - Texas Instruments SN74LVC16373A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.ti.com
Electrical Characteristics
Timing Requirements
Switching Characteristics
SN74LVC16373A-EP
16-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS825 – JUNE 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
IOH = –100 µA
1.65 V to 3.6 V
VCC – 0.2
IOH = –4 mA
1.65 V
1.2
IOH = –8 mA
2.3 V
1.7
VOH
V
2.7 V
2.2
IOH = –12 mA
3 V
2.4
IOH = –24 mA
3 V
2.2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
VOL
IOL = 8 mA
2.3 V
0.7
V
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = 0 to 5.5 V
3.6 V
±5
µA
Ioff
VI or VO = 5.5 V
0
±10
µA
IOZ
VO = 0 to 5.5 V
3.6 V
±10
µA
VI = VCC or GND
20
ICC
IO = 0
3.6 V
µA
3.6 V
≤ V
I ≤ 5.5 V
(2)
20
∆I
CC
One input at VCC – 0.6 V, Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
5
pF
Co
VO = VCC or GND
3.3 V
6.5
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This applies in the disabled state only.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
3.3
3.3
3.3
ns
tsu
Setup time, data before LE
1.7
1.7
1.7
ns
th
Hold time, data after LE
1.6
1.6
1.6
ns
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
D
1
5.2
1
4.9
1.6
4.2
tpd
Q
ns
LE
1
5.2
1
5.3
1.3
4.6
ten
OE
Q
1
7.7
1
6.2
1.3
5.3
ns
tdis
OE
Q
1
5.2
1
6.3
2.1
5.9
ns
4
Submit Documentation Feedback


Similar Part No. - SN74LVC16373A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI1-SN74LVC16373A Datasheet
456Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SEPTEMBER2005
SN74LVC16373ADGGR TI-SN74LVC16373ADGGR Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373ADGGR TI-SN74LVC16373ADGGR Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC16373A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A_06 Datasheet
329Kb / 15P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373_07 Datasheet
488Kb / 19P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373A TI-SN74LVC16373A Datasheet
331Kb / 14P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ACT16373Q-EP TI-SN74ACT16373Q-EP Datasheet
112Kb / 7P
[Old version datasheet]   16-BIT D-TYPE TRANSPARENT LATCH WITH 3-STATE OUTPUTS
SN74ALVCH16373 TI-SN74ALVCH16373 Datasheet
124Kb / 9P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ABT16373A-EP TI1-SN74ABT16373A-EP Datasheet
104Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373DGGR TI-SN74LVC16373DGGR Datasheet
484Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC16373 TI1-SN74LVC16373_14 Datasheet
487Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16373 PERICOM-PI74ALVCH16373 Datasheet
91Kb / 5P
   16-Bit Transparent D-Type Latch with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162373 TI-SN74ALVCH162373 Datasheet
215Kb / 10P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com