Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL064K Datasheet(PDF) 58 Page - SPANSION

Part # S25FL064K
Description  64-Mbit CMOS 3.0 Volt Flash Memory with 80-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL064K Datasheet(HTML) 58 Page - SPANSION

Back Button S25FL064K Datasheet HTML 54Page - SPANSION S25FL064K Datasheet HTML 55Page - SPANSION S25FL064K Datasheet HTML 56Page - SPANSION S25FL064K Datasheet HTML 57Page - SPANSION S25FL064K Datasheet HTML 58Page - SPANSION S25FL064K Datasheet HTML 59Page - SPANSION S25FL064K Datasheet HTML 60Page - SPANSION S25FL064K Datasheet HTML 61Page - SPANSION S25FL064K Datasheet HTML 62Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
58
S25FL064K
S25FL064K_00_03 July 13, 2011
Data
She e t
8.
Electrical Characteristics
8.1
Absolute Maximum Ratings
Notes:
1. This device has been designed and tested for the specified operation ranges. Proper operation outside of these levels is not guaranteed.
Exposure to absolute maximum ratings may affect device reliability. Exposure beyond absolute maximum ratings may cause permanent
damage.
2. Compliant with JEDEC Standard J-STD-20C for small body Sn-Pb or Pb-free (Green) assembly and the European directive on
restrictions on hazardous substances (RoHS) 2002/95/EU.
3. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500 ohms, R2=500 ohms).
8.2
Operating Ranges
Note:
1. VCC voltage during Read can operate across the min and max range but should not exceed ±10% of the programming (erase/write)
voltage.
8.3
Power-up Timing and Write Inhibit Threshold
Note:
1. These parameters are characterized only.
Parameters(1)
Symbol
Conditions
Range
Unit
Supply Voltage
VCC
–0.6 to +4.0
V
Voltage Applied to Any Pin
VIO
Relative to Ground
–0.6 to VCC+0.4
V
Transient Voltage on any Pin
VIOT
<20 ns Transient Relative to Ground
–2.0V to VCC+2.0V
V
Storage Temperature
TSTG
–65 to +150
°C
Lead Temperature
TLEAD
(Note 2)
°C
Electrostatic Discharge Voltage
VESD
Human Body Model (3)
–2000 to +2000
V
Parameter
Symbol
Conditions
Spec
Unit
Min
Max
Supply Voltage (1)
VCC
FR = 80 MHz, fR = 33 MHz
2.7
3.6
V
Ambient Temperature,
Operating
TA
Industrial
–40
+85
°C
Parameter
Symbol
Spec
Unit
Min
Max
VCC (min) to CS# Low
tVSL (1)
10
µs
Time Delay Before Write Instruction
tPUW (1)
1
10
ms
Write Inhibit Threshold Voltage
VWI (1)
1.0
2.0
V


Similar Part No. - S25FL064K

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL064A0LMAI000 SPANSION-S25FL064A0LMAI000 Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL064A0LMAI001 SPANSION-S25FL064A0LMAI001 Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL064A0LMAI003 SPANSION-S25FL064A0LMAI003 Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL064A0LMFI000 SPANSION-S25FL064A0LMFI000 Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL064K

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P0XBHIS30 SPANSION-S25FL064P0XBHIS30 Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P0XMFI001 SPANSION-S25FL064P0XMFI001 Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S70FL256P SPANSION-S70FL256P Datasheet
825Kb / 19P
   256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com