Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5256BS Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMSZ5256BS
Description  200mW Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMSZ5256BS Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMSZ5256BS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5256BS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5256BS Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5262BS
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Zener Voltage Range
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Vz@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
@VR
Type Number
Nom(V)
Min(V)
Max(V)
mA
μA
V
MMSZ5221BS
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5223BS
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225BS
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226BS
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227BS
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228BS
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229BS
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230BS
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMSZ5231BS
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232BS
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233BS
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234BS
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235BS
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236BS
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237BS
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238BS
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239BS
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240BS
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241BS
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242BS
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243BS
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245BS
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246BS
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248BS
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250BS
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251BS
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252BS
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254BS
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255BS
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256BS
30
28.50
31.5
4.2
49
600
0.1
23
MMSZ5257BS
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258BS
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259BS
39
37.05
40.95
3.2
80
800
0.1
30
MMSZ5260BS
43
40.85
45.15
3.0
93
900
0.1
33
MMSZ5261BS
47
44.65
49.35
2.7
105
1000
0.1
36
http://www.luguang.cn
Email:lge@luguang.cn


Similar Part No. - MMSZ5256BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5256BS PANJIT-MMSZ5256BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
MMSZ5256BS LUGUANG-MMSZ5256BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5256BS DIODES-MMSZ5256BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Microdiode Electronics ...
MMSZ5256BS CHENDA-MMSZ5256BS Datasheet
375Kb / 4P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5256BS DIODES-MMSZ5256BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5256BS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com