Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS2548DSPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2548DSPBF
Description  SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2548DSPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS2548DSPBF Datasheet HTML 1Page - International Rectifier IRS2548DSPBF Datasheet HTML 2Page - International Rectifier IRS2548DSPBF Datasheet HTML 3Page - International Rectifier IRS2548DSPBF Datasheet HTML 4Page - International Rectifier IRS2548DSPBF Datasheet HTML 5Page - International Rectifier IRS2548DSPBF Datasheet HTML 6Page - International Rectifier IRS2548DSPBF Datasheet HTML 7Page - International Rectifier IRS2548DSPBF Datasheet HTML 8Page - International Rectifier IRS2548DSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
IRS2548D
www.irf.com
© 2011 International Rectifier
5
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur.
All
voltage parameters are absolute voltages referenced to COM, all currents are defined positive into any lead.
The thermal resistance and power dissipation ratings are measured under board mounted and still air
conditions.
Symbol
Definition
Min.
Max.
Units
VB
VB Pin High-Side Floating Supply Voltage
-0.3
625
VS
VS Pin High-Side Floating Supply Offset Voltage
VB – 25
VB + 0.3
VHO
HO Pin High-Side Floating Output Voltage
VS - 0.3
VB + 0.3
VLO
LO Pin Low-Side Output Voltage
VPFC
PFC Gate Driver Output Voltage
-0.3
VCC + 0.3
V
IOMAX
Maximum allowable output current (HO, LO, PFC)
due to external power transistor miller effect
-500
500
mA
ICC
VCC current †
0
25
mA
VVBUS
VBUS Pin Voltage
VCOMP
COMP Pin Voltage
VOC
OC Pin Voltage
VENN
SD/EOL Pin Voltage
VCS
CS Pin Voltage
-0.3
VCC + 0.3
V
VZX
ZX Pin Voltage
-0.3
VZXCLAMP + 0.3
V
IFMIN
FMIN Pin Current
ICOMP
COMP Pin Current
IZX
ZX Pin Current
IOC
OC Pin Current
IENN
ENN Pin Current
ICS
CS Pin Current
-5
5
mA
dV/dt
Allowable VS Pin Offset Voltage Slew Rate
-50
50
V/ns
PD
Package Power Dissipation @ TA
≤ +25ºC
PD = (TJMAX-TA)/RθJA
---
1.0
W
R
θJA
Thermal Resistance, Junction to Ambient
---
120
ºC/W
TJ
Junction Temperature
-55
150
TS
Storage Temperature
-55
150
TL
Lead Temperature (soldering, 10 seconds)
---
300
ºC
† This IC contains a zener clamp structure between the chip VCC and COM, with a nominal breakdown
voltage of 15.6 V. Please note that this supply pin should not be driven by a low impedance DC power source
greater than VCLAMP specified in the electrical characteristics section.


Similar Part No. - IRS2548DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2548DSPBF IRF-IRS2548DSPBF Datasheet
325Kb / 22P
   Critical-conduction mode boost-type PFC
IRS2548DSPBF IRF-IRS2548DSPBF_15 Datasheet
325Kb / 22P
   Critical-conduction mode boost-type PFC
More results

Similar Description - IRS2548DSPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF_15 Datasheet
32Kb / 1P
   PFC, ballast control and half-bridge driver in one IC
logo
Infineon Technologies A...
IRS2548D INFINEON-IRS2548D Datasheet
325Kb / 22P
   PFC, system control and half-bridge driver
September 29, 2011
IRS2505LPBF INFINEON-IRS2505LPBF Datasheet
965Kb / 19P
   Boost PFC and SMPS Control IC
2015-9-2
logo
International Rectifier
IRS2580DSPBF IRF-IRS2580DSPBF Datasheet
32Kb / 1P
   ?쏞OMBO8??PFC HALF-BRIDGE BALLAST IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
Infineon Technologies A...
TLE4208G INFINEON-TLE4208G_16 Datasheet
1Mb / 16P
   Quad Half-Bridge Driver IC
Rev. 1.4, 2016-02-02
TLE84110EL INFINEON-TLE84110EL Datasheet
775Kb / 33P
   Deca-Half-Bridge Driver IC
Rev. 1.0, April 2010
TLE84106EL INFINEON-TLE84106EL Datasheet
746Kb / 31P
   Hex-Half-Bridge Driver IC
Rev. 1.0, April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com