Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2DXX120 Datasheet(PDF) 10 Page - Cree, Inc

Part # C2DXX120
Description  Introducing SiC Schottky Diode
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C2DXX120 Datasheet(HTML) 10 Page - Cree, Inc

Back Button C2DXX120 Datasheet HTML 6Page - Cree, Inc C2DXX120 Datasheet HTML 7Page - Cree, Inc C2DXX120 Datasheet HTML 8Page - Cree, Inc C2DXX120 Datasheet HTML 9Page - Cree, Inc C2DXX120 Datasheet HTML 10Page - Cree, Inc C2DXX120 Datasheet HTML 11Page - Cree, Inc C2DXX120 Datasheet HTML 12Page - Cree, Inc C2DXX120 Datasheet HTML 13Page - Cree, Inc C2DXX120 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Isolated Vs Non-Isolated LED Lighting
Schottky diode
Schottky diode
Isolated Single Stage Flyback
Non-Isolated Low-Side Buck
Transformer for isolation
Single Stage Flyback
Inductor with no isolation
Low Side Buck
Typical Eff. 80%
Freewheeling Schottky output diode
Diode blocking DC voltage
Typical Eff. 85%
Freewheeling diode during MOSFET
off time
Copyright © 2012, Cree, Inc.
pg. 10
Diode blocking DC voltage
<200V, Si Schottky diodes ok
Diode blocking DC voltage
>400V, Si Schottky limit to 200V


Similar Part No. - C2DXX120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C2D05120 ETC1-C2D05120 Datasheet
464Kb / 5P
   Silicon Carbide Schottky Diode
C2D05120A ETC1-C2D05120A Datasheet
464Kb / 5P
   Silicon Carbide Schottky Diode
logo
Cree, Inc
C2D05120A CREE-C2D05120A Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
C2D05120A CREE-C2D05120A_14 Datasheet
520Kb / 6P
   Silicon Carbide Schottky Diode
C2D05120E CREE-C2D05120E Datasheet
391Kb / 6P
   Silicon Carbide Schottky Diode Zero Recovery Rectifier
More results

Similar Description - C2DXX120

ManufacturerPart #DatasheetDescription
logo
SHENZHEN BASIC SEMICOND...
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
   SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
   SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
   SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 1.4
B1D30065HC BASICSEMI-B1D30065HC Datasheet
1Mb / 7P
   SiC Schottky Diode
Rev. 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com