Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH25-10B24 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH25-10B24
Description  LH series ----is a compact size power converter offered by Mornsun.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH25-10B24 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH25-10B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH25-10B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH25-10B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH25-10B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH25-10B24 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH25-10B24 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH25-10B24 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH25-10B24 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice
LH05-25
A/3-2012
Page 3 of 8
Recommended External Input Fuse
(Special package series include fuse)
LH05 models
LH10/LH15 models
LH20/LH25 models
1A/250V
2A/250V
3.15A/250V
Slow-Blow
Slow-Blow
Slow-Blow
OUTPUT SPECIFICATIONS
Voltage set accuracy
±2%
Input variation
±0.5%
(main output)
±1.5%
(supplem ent output)
Single output models
±1%
Dual output models (balanced load)
±2%
Isolated triple output (balanced load)
Vo1:
±3%
(main output)
±Vo2: ±5% (supplement output)
Load variation (10-100%)
Isolated and separated twin output (balanced load)
Vo1:
±3%
(main output)
Vo2:
±5%
(supplement output)
Minimum load
single output models
Dual output models (balanced load)
Isolated and separated twin output (balanced load)
Isolated triple output (balanced load)
0%
10%
10%
10%
Ripple & noise(p-p)
(20MHz Bandwidth)
50mV (Typ)
100mV (Max)
Short circuit protection
Continuous, and auto resume
Over current protection
≥110% Io
Output over-voltage protection
3.3 / 5VDC models
9VDC models
12 / 15VDC models
24VDC models
48VDC models
≤7.5VDC
≤12VDC
≤20VDC
≤30VDC
≤60VDC
COMMON SPECIFICATIONS
Temperature ranges
Operating temperature :
Power derating
(55℃~70℃)
(-40℃~-10℃)
Storage temperature:
Case temperature:
-40℃~+70℃
3.75% / ℃
2% / ℃
-40℃~+105℃
+90
max
Hold-up time
(Vin=230VAC)
80ms(typ)
Humidity
(non condensing)
95%(max)
Temperature coefficient
0.02%/℃ (main output)
0.15%/℃ (supplement output)
Switching frequency
65kHz(typ.)
I/O-isolation voltage
3000VAC/1Min
CE
CISPR22/EN55022, CLASS B(without external circuit )
EMI
RE
CISPR22/EN55022, CLASS B(without external circuit )
ESD
IEC/EN 61000-4-2
Contact
±6KV / Air ±8KV
perf. Criteria B
RS
IEC/EN 61000-4-3
10V/m
perf. Criteria A
IEC/EN 61000-4-4
±2KV(without external circuit )
perf. Criteria B
EFT
IEC/EN 61000-4-4
±4KV
(with typical applications Figure 6)
perf. Criteria B
IEC/EN 61000-4-5
±1KV/±2KV(without external circuit)
perf. Criteria B
EMC
EMS
Surge
IEC/EN 61000-4-5
±2KV/±4KV
(with typical applications Figure 6)
perf. Criteria B
Safety standards
IEC60950,EN60950,UL60950
Safety approvals
EN60950,UL60950
LH15-10BXX
CLASSⅡ
Safety Class
Others
CLASSⅠ
Case material
UL94V-0
Install
PCB mounting,
Chassis mounting with Screw Terminals,
DIN-Rail mounting
MTBF
>300,000H @25℃
Note:
1. Ripple and Noise are measured by the method of parallel lines;
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified;
3. All characteristics are for listed model only, non-standard models may perform differently, please contact our technical person for more detail.


Similar Part No. - LH25-10B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH25-10B24 MORNSUN-LH25-10B24 Datasheet
1Mb / 8P
   20(25)W, AC-DC converter
LH25-10B24E MORNSUN-LH25-10B24E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LH25-10B24ER2 MORNSUN-LH25-10B24ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH25-10B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com