Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

929950-00 Datasheet(PDF) 11 Page - Texas Instruments

Part # 929950-00
Description  TPS75005EVM-023
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

929950-00 Datasheet(HTML) 11 Page - Texas Instruments

Back Button 929950-00 Datasheet HTML 5Page - Texas Instruments 929950-00 Datasheet HTML 6Page - Texas Instruments 929950-00 Datasheet HTML 7Page - Texas Instruments 929950-00 Datasheet HTML 8Page - Texas Instruments 929950-00 Datasheet HTML 9Page - Texas Instruments 929950-00 Datasheet HTML 10Page - Texas Instruments 929950-00 Datasheet HTML 11Page - Texas Instruments 929950-00 Datasheet HTML 12Page - Texas Instruments 929950-00 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.ti.com
Schematic and Bill of Materials
7.2
Parts List
Table 2 lists the bill of materials for the TPS75005EVM.
Table 2. TPS75005EVM Bill of Materials
(1) (2) (3)
Count
RefDes
Value
Description
Size
Part Number
MFR
0
C1
Open
Capacitor, tantalum, 10 V, 20%
6032
Std
Std
3
C2, C3, C8
10
µF
Capacitor, ceramic, 10 V, X5R, 20%
0805
Std
Std
4
C4 to C7
1 nF
Capacitor, ceramic, 10 V, X5R, 10%
0603
Std
Std
7
J1 to J7
PEC02SAAN
Header, male 2-pin, 100-mil spacing,
0.100 inch x 2
PEC02SAAN
Sullins
1
JP1
PEC03SAAN
Header, male 3-pin, 100-mil spacing,
0.100 inch x 3
PEC03SAAN
Sullins
2
JP2-3
PEC02SAAN
Header, male 2-pin, 100-mil spacing,
0.100 inch x 2
PEC02SAAN
Sullins
1
R1
10.0 k
Ω
Resistor, chip, 1/16W, 1%
0603
Std
Std
1
R2
10.2 k
Ω
Resistor, chip, 1/16W, 1%
0603
Std
Std
5
R3 to R7
100 k
Ω
Resistor, chip, 1/16W, 1%
0603
Std
Std
0
R8
Open
Resistor, chip, 1/16W, 1%
0603
Std
Std
5
TP1 to TP5
5000
Test point, red, through-hole color
0.100 x 0.100
5000
Keystone
keyed
inch
1
U1
TPS75005RGW
IC, dual 500-mA LDO and Triple
QFN-20
TPS75005RGW
TI
voltage rail monitor
3
--
Shunt, 100-mil, black
0.100
929950-00
3M
1
--
PCB, 1.7 in x 2.3 in x 0.062 in
PWR023
Any
(1)
These assemblies are ESD sensitive. ESD precautions shall be observed.
(2)
These assemblies must be clean and free from flux and all contaminants. Use of no-clean flux is not acceptable.
(3)
These assemblies must comply with workmanship standards IPC-A-610 Class 2.
11
SBVU019A
– October 2011 – Revised October 2011
TPS75005EVM-023
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - 929950-00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
929950-00 TI1-929950-00 Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
929950-00 TI1-929950-00 Datasheet
249Kb / 12P
[Old version datasheet]   bq2026 Evaluation Software
929950-00 TI1-929950-00 Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
929950-00 TI1-929950-00 Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
929950-00 TI1-929950-00 Datasheet
454Kb / 11P
[Old version datasheet]   TPS63000EVM-148
More results

Similar Description - 929950-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS-2-023 ETC2-SDS-2-023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
SDS023 ETC2-SDS023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
SCS-8-023 ETC2-SCS-8-023 Datasheet
112Kb / 1P
   Spectra C - 023 style the PCB space saver
1351783 ETC2-1351783 Datasheet
100Kb / 3P
   23 AWG stranded (7x32) .023 bare compacted copper conductor, polyethylene insulation,
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
logo
Vishay Siliconix
PHR VISHAY-PHR Datasheet
113Kb / 6P
   ESCC 4001/023 Qualified High Precision (5 ppm, 0.01 %), Thin Film Chip Resistors
Revision: 28-Aug-15
logo
List of Unclassifed Man...
1345253 ETC2-1345253 Datasheet
101Kb / 3P
   23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
logo
Vishay Siliconix
PFRR VISHAY-PFRR Datasheet
109Kb / 6P
   ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0350979822 MOLEX4-0350979822 Datasheet
105Kb / 2P
   MP-Lock??Quick Disconnect with Vibration Support, Female, for 16-20AWG(1.31-0.52mm짼;), Metal Strip, Tab 2.79 by 0.60mm (.110 by .023"), Pre-Tin Plated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com