Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEC02SAAN Datasheet(PDF) 5 Page - Texas Instruments

Part # PEC02SAAN
Description  TPS75005EVM-023
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PEC02SAAN Datasheet(HTML) 5 Page - Texas Instruments

  PEC02SAAN Datasheet HTML 1Page - Texas Instruments PEC02SAAN Datasheet HTML 2Page - Texas Instruments PEC02SAAN Datasheet HTML 3Page - Texas Instruments PEC02SAAN Datasheet HTML 4Page - Texas Instruments PEC02SAAN Datasheet HTML 5Page - Texas Instruments PEC02SAAN Datasheet HTML 6Page - Texas Instruments PEC02SAAN Datasheet HTML 7Page - Texas Instruments PEC02SAAN Datasheet HTML 8Page - Texas Instruments PEC02SAAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
200
s/div
m
EN
PG
VOUT1
VOUT2
5 ms/div
EN
PG
VOUT1
VOUT2
I
OUT
VOUT2
50
s/div
m
I
OUT
VOUT1
20
s/div
m
www.ti.com
Test Results
4
Test Results
This section provides typical performance waveforms for the TPS75005EVM-023 PCB. These tests were
performed with VIN = 5 V.
4.1
Start-Up and Shutdown Sequence
Figure 1 and Figure 2 show the start-up and shutdown sequence, respectively, when JP3 is not installed.
If JP3 is installed, then VOUT1 and VOUT2 swap the order in which they turn on and off. For these tests,
VIN = 5.0 V, with no load. The start-up ramps of VOUT1 and VOUT2 can be adjusted by modifying C6
and C5, respectively.
Figure 1. Start-Up Sequence, SEQ Set to Logic Low
Figure 2. Shutdown Sequence, SEQ Set to Logic Low
4.2
Output Load Transient
Figure 3 and Figure 4 show the load transient responses of LDO-1 and LDO-2, respectively, for a load
step from 10 mA to 500 mA. VIN is set at 5.0 V. Figure 3 shows the load transient response at VOUT1 of
LDO-1 when VOUT1 is set to 1.8 V. Figure 4 shows the load transient response at VOUT2 of LDO-2.
Figure 3. Load Step and Transient Response of
Figure 4. Load Step and Transient Response of LDO-2
LDO-1, VSET Set to Logic Low
5
SBVU019A
– October 2011 – Revised October 2011
TPS75005EVM-023
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - PEC02SAAN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PEC02SAAN TI1-PEC02SAAN Datasheet
268Kb / 17P
[Old version datasheet]   TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
PEC02SAAN TI1-PEC02SAAN Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PEC02SAAN TI1-PEC02SAAN Datasheet
324Kb / 9P
[Old version datasheet]   TPS7A1601EVM-046
PEC02SAAN TI1-PEC02SAAN Datasheet
660Kb / 15P
[Old version datasheet]   TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
PEC02SAAN TI1-PEC02SAAN Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
More results

Similar Description - PEC02SAAN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS-2-023 ETC2-SDS-2-023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
SDS023 ETC2-SDS023 Datasheet
93Kb / 1P
   SpectraDIL - 023 style SDS, SDC, SDD ranges
SCS-8-023 ETC2-SCS-8-023 Datasheet
112Kb / 1P
   Spectra C - 023 style the PCB space saver
1351783 ETC2-1351783 Datasheet
100Kb / 3P
   23 AWG stranded (7x32) .023 bare compacted copper conductor, polyethylene insulation,
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
logo
Vishay Siliconix
PHR VISHAY-PHR Datasheet
113Kb / 6P
   ESCC 4001/023 Qualified High Precision (5 ppm, 0.01 %), Thin Film Chip Resistors
Revision: 28-Aug-15
logo
List of Unclassifed Man...
1345253 ETC2-1345253 Datasheet
101Kb / 3P
   23 AWG Solid .023 bare copper or bare copper-covered steel conductor, polyethylene insulation
logo
Vishay Siliconix
PFRR VISHAY-PFRR Datasheet
109Kb / 6P
   ESCC ( ) 4001/023 Qualified R Failure Rate High Precision (10 ppm/째C, 0.05 %) Thin Film Chip Resistors
Revision: 19-Nov-14
logo
Molex Electronics Ltd.
0350979822 MOLEX4-0350979822 Datasheet
105Kb / 2P
   MP-Lock??Quick Disconnect with Vibration Support, Female, for 16-20AWG(1.31-0.52mm짼;), Metal Strip, Tab 2.79 by 0.60mm (.110 by .023"), Pre-Tin Plated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com