Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR103 Datasheet(PDF) 9 Page - Texas Instruments

Part # PWR103
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PWR103 Datasheet(HTML) 9 Page - Texas Instruments

Back Button PWR103 Datasheet HTML 5Page - Texas Instruments PWR103 Datasheet HTML 6Page - Texas Instruments PWR103 Datasheet HTML 7Page - Texas Instruments PWR103 Datasheet HTML 8Page - Texas Instruments PWR103 Datasheet HTML 9Page - Texas Instruments PWR103 Datasheet HTML 10Page - Texas Instruments PWR103 Datasheet HTML 11Page - Texas Instruments PWR103 Datasheet HTML 12Page - Texas Instruments PWR103 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
www.ti.com
Board Layout
Figure 8. TPS54120 Thermal Image
5
Board Layout
This section provides a description of the TPS54120, board layout, and layer illustrations.
5.1
Layout Description
The board layout for the TPS54120 evaluation board is shown in Figure 9 through Figure 12. The board
consists of 4 layers. It is laid out in such a way the analog ground of the LDO is shielded as much as
possible from the noise of the switcher. Also, critical analog circuits such as the voltage set point divider,
frequency set resistor, slow start capacitor and compensation components are terminated to ground using
a via separate from the power ground pour. The topside layer of the EVM is laid out in a manner typical of
a user application.
The top layer contains the analog ground of the LDO and a portion of the output power ground of the SW
side. The first internal layer is connected to the power pad and the analog ground of the IC; mostly this
layer is used for power dissipation. Only a few traces are implemented on this layer such as the LDO
enable, and the PWRGD test point trace.
The second internal layer is mostly used for analog ground as well. For shielding the LDO ground from the
switch node noise, a small isolated power ground plane is made in the center of this layer to reduce
capacitive coupling with analog ground. This layer also contains the input voltage trace of the switcher
connecting the input cap and the connector J3.
About one quarter of the bottom layer contains the main input power ground trace. In the center of the
layer, the inductor (L1) and the output caps (C9, C10) of the switcher are located. The remaining surface
area is connected to the analog ground of the top and the internal layers through vias. Some of these vias
are directly under the TPS54120 device to provide a thermal path from the top-side ground plane to the
internal and bottom-side ground plane.
9
SLVU641
– January 2012
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - PWR103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR10020-2SA BOURNS-PWR10020-2SA Datasheet
220Kb / 1P
   Shunt Resistor
PWR10020-2SB BOURNS-PWR10020-2SB Datasheet
220Kb / 1P
   Shunt Resistor
PWR10020-4SA BOURNS-PWR10020-4SA Datasheet
220Kb / 1P
   Shunt Resistor
PWR10020-4SB BOURNS-PWR10020-4SB Datasheet
220Kb / 1P
   Shunt Resistor
PWR10020S BOURNS-PWR10020S Datasheet
220Kb / 1P
   Shunt Resistor
More results

Similar Description - PWR103

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPSM-ULN-A ABRACON-ABPSM-ULN-A Datasheet
1,006Kb / 2P
   Ultra Low Noise Power Supply Module
03.01.10
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
   Low Noise Evaluation Board
logo
Monolithic Power System...
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
   2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
logo
Texas Instruments
TPS54120 TI1-TPS54120 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
logo
Monolithic Power System...
MP20045 MPS-MP20045 Datasheet
379Kb / 13P
   Low Noise, 1A Linear Regulator
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Texas Instruments
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com