Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH15-10B48 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # LH15-10B48
Description  LH series ----is a compact size power converter offered by Mornsun.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-10B48 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LH15-10B48 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-10B48 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-10B48 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-10B48 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-10B48 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH15-10B48 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH15-10B48 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH15-10B48 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice
LH05-25
A/3-2012
Page 5 of 8
L
N
+Vo
-Vo
AC-DC
L
N
+ Vo
-Vo
Figure 5:Note: This application is not supported
for this series.
ca n u se MO RNS UN
’s FC- L01D
FUSE
OUTPUT
N
L
N
L
LCM
MOV1
R2
R1
R3
CX
CY3
CY4
A CDC
CY1
CY2
Figure 6:LH05-25 series Recommended circuit for application require higher EMC standard
(external circuit output same as above)
Figure 7: EMC application circuit PCB layout
Safety and recommend wiring: linewidth A≥3mm,B≥6mm,C≥9mm
EXTERNAL CAPACITORS TYPICAL VALUE(Unit:
µF)
MODEL
C2
C4
C6
TVS1
TVS2
TVS3
LH05-10B03
330
SMBJ7.0A
LH05-10B05
330
SMBJ7.0A
LH05-10B09
120
SMBJ12A
LH05-10B12
120
SMBJ20A
LH05-10B15
68
SMBJ20A
LH05-10B24
68
SMBJ30A
LH05-10A05
120
120
SMBJ7.0A
SMBJ7.0A
LH05-10A12
68
68
SMBJ20A
SMBJ20A
LH05-10A15
47
47
SMBJ20A
SMBJ20A
LH05-10A24
10
10
SMBJ30A
SMBJ30A
LH05-10C0505-01
220
22
22
SMBJ7.0A
SMBJ7.0A
SMBJ7.0A
LH05-10C0512-01
120
22
22
SMBJ7.0A
SMBJ20A
SMBJ20A
LH05-10C0515-01
120
22
22
SMBJ7.0A
SMBJ20A
SMBJ20A
LH05-10C0524-01
120
22
22
SMBJ7.0A
SMBJ30A
SMBJ30A
LH05-10D0505-01
220
22
SMBJ7.0A
SMBJ7.0A
LH05-10D0512-01
220
22
SMBJ7.0A
SMBJ20A
LH05-10D0515-01
120
22
SMBJ7.0A
SMBJ20A
LH05-10D0524-01
120
22
SMBJ7.0A
SMBJ30A
LH10-10B03
470
SMBJ7.0A
LH10-10B05
330
SMBJ7.0A
LH10-10B09
120
SMBJ12A
LH10-10B12
120
SMBJ20A
LH10-10B15
120
SMBJ20A
LH10-10B24
68
SMBJ30A
LH10-10A05
220
220
SMBJ7.0A
SMBJ7.0A
LH10-10A12
120
120
SMBJ20A
SMBJ20A
LH10-10A15
47
47
SMBJ20A
SMBJ20A
LH10-10A24
33
33
SMBJ30A
SMBJ30A
LH10-10C0512-02
220
68
68
SMBJ7.0A
SMBJ20A
SMBJ20A
LH10-10C0515-02
220
47
47
SMBJ7.0A
SMBJ20A
SMBJ20A
LH10-10D0505-02
220
68
SMBJ7.0A
SMBJ7.0A
LH10-10D0512-02
220
68
SMBJ7.0A
SMBJ20A
LH10-10D0515-02
220
47
SMBJ7.0A
SMBJ20A
LH10-10D0524-02
220
47
SMBJ7.0A
SMBJ30A
LH15-10B03
680
SMBJ7.0A
LH15-10B05
680
SMBJ7.0A
LH15-10B09
470
SMBJ12A
LH15-10B12
220
SMBJ20A
LH15-10B15
220
SMBJ20A
LH15-10B24
68
SMBJ30A


Similar Part No. - LH15-10B48

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10B48 MORNSUN-LH15-10B48 Datasheet
1Mb / 7P
   15W, AC-DC converter
More results

Similar Description - LH15-10B48

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com