Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54120RGY Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54120RGY
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54120RGY Datasheet(HTML) 3 Page - Texas Instruments

  TPS54120RGY Datasheet HTML 1Page - Texas Instruments TPS54120RGY Datasheet HTML 2Page - Texas Instruments TPS54120RGY Datasheet HTML 3Page - Texas Instruments TPS54120RGY Datasheet HTML 4Page - Texas Instruments TPS54120RGY Datasheet HTML 5Page - Texas Instruments TPS54120RGY Datasheet HTML 6Page - Texas Instruments TPS54120RGY Datasheet HTML 7Page - Texas Instruments TPS54120RGY Datasheet HTML 8Page - Texas Instruments TPS54120RGY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
Setup
JP3-SW EN: Switcher converter enable jumper. To enable the SWITCHER output, leave this jumper
unconnected (there is an internal pull up on this pin). To disable, install a shorting jumper. This will
short the enable pin to ground.
TP1-PWRGD: Power Good connector test point. It is power good open collector flag for the switcher
converter. Tie this pin through a 10k resistor to a regulated supply
<5.5V to monitor the status of the
switcher converter output.
TP2-SENSE: The SW sense (feedback) pin test point.
TP3-SW OUT: This is the positive switcher output test point. In addition to J7, this test point can also
be used to measure the output voltage of the switcher.
TP4-LDO IN: The LDO input voltage test point.
TP5-LDO OUT: The LDO output test point. In addition to J1, this test point can also be used to
measure the output voltage of the LDO.
2.2
Modifications
These evaluation modules are designed to provide access to the features of the TPS54120. However,
some modifications can be made to this module.
2.2.1
SW Output Voltage Set Point
The output voltage of the switcher is set by the resistor divider network of R5 and R6. R6 is fixed at
10kohm. To change the switcher output voltage of the EVM, it is necessary to change the value of resistor
R5. The value of R5 for a specific output voltage can be calculated using Equation 1. Note that the SW
output should be 0.8V above the LDO output for best PSR and noise performance.
R5 = 10 k
Ω (SW Vout–0.8V)/ (0.8V)
(1)
Table 2 lists the R5 values for some common output voltages. The values given in Table 2 are standard
values, not the exact value calculated using Equation 1.
Table 2. Sample 1% Resistor Values for Common SW Output Voltages
SW Output Voltage (V)
R5 Value (k
Ω)
1.8
12.4
2.5
21.5
3.3
31.6
4.1
41.2
5
52.3
6
64.9
2.2.2
LDO Output Voltage Set Point
The output voltage of the LDO also can be set by an external resistor divider network (R1 and R2). R2 is
fixed at 10kohm. To change the LDO output voltage of the EVM, it is necessary to change the value of
resistor R1. Changing the value of R1 can change the output voltage from 0.8 V to 6V. The value of R1 for
a specific output voltage can be calculated using Equation 2. Note that the LDO output should be 0.8V
below the SW output for best PSR and noise performance.
R1 = 10 k
Ω (LDO Vout–0.8V)/ (0.8V)
(2)
Table 3 lists the R1 values for some common output voltages. Note that the minimum VIN equals VOUT +
VDO or 2.2V, whichever is greater. The values given in Table 3 are standard values, not the exact value
calculated using Equation 2.
Table 3. Sample 1% Resistor Values for Common LDO Output Voltages
LDO Output Voltage (V)
R1 Value (k
Ω)
0.8
0 (Short)
1
2.49
3
SLVU641
– January 2012
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated


Similar Part No. - TPS54120RGY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54120RGYR TI1-TPS54120RGYR Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
TPS54120RGYT TI1-TPS54120RGYT Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
More results

Similar Description - TPS54120RGY

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABPSM-ULN-A ABRACON-ABPSM-ULN-A Datasheet
1,006Kb / 2P
   Ultra Low Noise Power Supply Module
03.01.10
logo
Sipex Corporation
SP6641B SIPEX-SP6641B Datasheet
118Kb / 5P
   Low Noise Evaluation Board
logo
Monolithic Power System...
MPM3814C MPS-MPM3814C Datasheet
1Mb / 19P
   2.75V to 6V, 1A, Ultra-Small Power Module with Ultra-Low Noise
Rev. 1.0 4/15/2022
logo
Texas Instruments
TPS54120 TI1-TPS54120 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Noise, 1-A Power Supply
logo
Monolithic Power System...
MP20045 MPS-MP20045 Datasheet
379Kb / 13P
   Low Noise, 1A Linear Regulator
logo
XP Power Limited
P12P XPPOWER-P12P Datasheet
509Kb / 5P
   LOW-POWER, LOW-NOISE, REGULATED HIGH-VOLTAGE SUPPLY
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Texas Instruments
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Micrel Semiconductor
MIC37110 MICREL-MIC37110 Datasheet
1Mb / 20P
   High-Performance, Low-Noise, 1A LDOs
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com