Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG1117-5 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # REG1117-5
Description  TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG1117-5 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REG1117-5 Datasheet HTML 2Page - Texas Instruments REG1117-5 Datasheet HTML 3Page - Texas Instruments REG1117-5 Datasheet HTML 4Page - Texas Instruments REG1117-5 Datasheet HTML 5Page - Texas Instruments REG1117-5 Datasheet HTML 6Page - Texas Instruments REG1117-5 Datasheet HTML 7Page - Texas Instruments REG1117-5 Datasheet HTML 8Page - Texas Instruments REG1117-5 Datasheet HTML 9Page - Texas Instruments REG1117-5 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
www.ti.com
2.3
Analog Signal Connections
2.3.1
Analog Inputs
2.3.2
Analog Output
2.4
Digital Signal Connections
2.4.1
Digital Inputs and Outputs
2.4.2
Digital Controls
2.5
Power Connections
EVM Description and Basics
Table 2. List of Jumpers (continued)
Default
Jumper
Position
Jumper Description
JMP14
Installed
When installed, shorts across the output capacitor on HPLCOM; remove this jumper if using AC-coupled output drive
JMP15
Installed
When installed, shorts across the output capacitor on HPROUT; remove this jumper if using AC-coupled output drive
JMP16
Installed
When installed, shorts HPLCOM and HPRCOM. Use only if these signals are set to constant VCM.
JMP17
Installed
When installed, shorts across the output capacitor on HPRCOM; remove this jumper if using AC-coupled output drive
JMP18
Open
Selects onboard EEPROM as Firmware Source.
JMP19
Open
When installed, allows the USB-MODEVM to hardware reset the device under user control
The analog inputs to the EVM can be connected through two different methods. The analog input sources
can be applied directly to J13 (top or bottom side) or through the analog headers (J1-3 and J6) around the
edge of the board. The connection details of each header/connector can be found in Appendix A.
The analog outputs to the EVM can be connected through two different methods. The analog outputs are
available from the J13 and J14 (top or bottom) or they may be accessed through J4, J5, J7, J11,and J12
at the edges of the board. The connection details can be found in Appendix A.
The digital inputs and outputs of the EVM can be monitored through J16 and J17. If external signals need
to be connected to the EVM, digital inputs should be connected via J14 and J15 on the USB-MODEVM
and the SW2 switch should be changed accordingly (see Section 2.2.1). The connector details are
available in Section A.2.
The digital control signals can be applied directly to J16 and J17 (top or bottom side). The modular
TLV320AIC3104EVM can also be connected directly to a DSP interface board, such as the
5-6KINTERFACE or HPA-MCUINTERFACE, or to the USB-MODEVM Interface board if purchased as part
of the TLV320AIC3104EVM-PDK. See the product folders on the TI Web site for these evaluation
modules or the TLV320AIC3104 for a current list of compatible interface and/or accessory boards.
The TLV320AIC3104EVM can be powered independently when being used in stand-along operation or by
the USB-MODEVM when it is plugged onto the motherboard.
6
TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SLAU218 – August 2007
Submit Documentation Feedback


Similar Part No. - REG1117-5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117-5 BURR-BROWN-REG1117-5 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117-5 BURR-BROWN-REG1117-5 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117-5 TI-REG1117-5 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117-5 BURR-BROWN-REG1117-5 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117-5 TI1-REG1117-5 Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117-5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5605993 PHOENIX-5605993 Datasheet
45Kb / 2P
   License - VLC-PDK-MWX-P
5605992 PHOENIX-5605992 Datasheet
76Kb / 3P
   VLC-PDK-CIT-USB
5605997 PHOENIX-5605997 Datasheet
46Kb / 2P
   License - VLC-OEM-PDK-MWX-USB
5604102 PHOENIX-5604102 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-P
5603718 PHOENIX-5603718 Datasheet
50Kb / 2P
   License - VLC-PDK-CIT-P
5605994 PHOENIX-5605994 Datasheet
46Kb / 2P
   License - VLC-PDK-MWX-USB
5605996 PHOENIX-5605996 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-MWX-P
5605645 PHOENIX-5605645 Datasheet
45Kb / 2P
   License - VLC-OEM-PDK-CIT-USB
logo
Freescale Semiconductor...
MCIMX25LPDKJ FREESCALE-MCIMX25LPDKJ Datasheet
254Kb / 2P
   Freescale Product Development Kit (PDK) for the i.MX25 Applications Processor
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
   AND Gate (unbuffered) and Buffered
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com