Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS22913A Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS22913A
Description  Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22913A Datasheet(HTML) 5 Page - Texas Instruments

  TPS22913A Datasheet HTML 1Page - Texas Instruments TPS22913A Datasheet HTML 2Page - Texas Instruments TPS22913A Datasheet HTML 3Page - Texas Instruments TPS22913A Datasheet HTML 4Page - Texas Instruments TPS22913A Datasheet HTML 5Page - Texas Instruments TPS22913A Datasheet HTML 6Page - Texas Instruments TPS22913A Datasheet HTML 7Page - Texas Instruments TPS22913A Datasheet HTML 8Page - Texas Instruments TPS22913A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TPS22913
www.ti.com
SLVSB20
– SEPTEMBER 2011
ELECTRICAL CHARACTERISTICS
VIN = 1.4 V to 5.5 V, TA = –40ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
IOUT = 0, VIN = VON = 5.25 V
2
10
IOUT = 0, VIN = VON = 4.2 V
2
7.0
IIN
Quiescent current
IOUT = 0, VIN = VON = 3.6 V
Full
2
7.0
µA
IOUT = 0, VIN = VON = 2.5 V
0.9
5
IOUT = 0, VIN = VON = 1.5 V
0.7
5
VON = GND, VOUT = Open, VIN = 5.25 V
1.2
10
VON = GND, VOUT = Open, VIN = 4.2 V
0.2
7.0
IIN(off)
Off supply current
VON = GND, VOUT = Open, VIN = 3.6 V
Full
0.1
7.0
µA
VON = GND, VOUT = Open, VIN = 2.5 V
0.1
5
VON = GND, VOUT = Open, VIN = 1.5 V
0.1
5
VON = GND, VOUT = 0, VIN = 5.25 V
1.2
10
VON = GND, VOUT = 0, VIN = 4.2 V
0.2
7.0
IIN(Leakage)
Leakage current
VON = GND, VOUT = 0, VIN = 3.6 V
Full
0.1
7.0
µA
VON = GND, VOUT = 0, VIN = 2.5 V
0.1
5
VON = GND, VOUT = 0, VIN = 1.5 V
0.1
5
25
°C
60
80
VIN = 5.25 V, IOUT = –200 mA
Full
110
25
°C
60
80
VIN = 5.0 V, IOUT = –200 mA
Full
110
25
°C
60
80
VIN = 4.2 V, IOUT = –200 mA
Full
110
25
°C
60.7
80
rON
On-resistance
VIN = 3.3 V, IOUT = –200 mA
m
Ω
Full
110
25
°C
63.4
90
VIN = 2.5 V, IOUT = –200 mA
Full
120
25
°C
74.2
100
VIN = 1.8 V, IOUT = –200 mA
Full
130
25
°C
83.9
120
VIN = 1.5 V, IOUT = –200 mA
Full
150
RPD
Output pull down resistance
VIN = 3.3 V, VON = 0, IOUT = 30 mA
25
°C
153
200
Ω
VIN increasing, VON = 3.6 V,
1.2
IOUT = –100 mA
UVLO
Under voltage lockout
Full
V
VIN decreasing, VON 3.6 V, RL = 10 Ω
0.50
ION
ON input leakage current
VON = 1.4 V to 5.25 V or GND
Full
1
µA
Reverse Current Voltage
VRVP
44
mV
Threshold
Reverse Current Response
tDELAY
VIN = 5V
10
µs
Delay
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS22913


Similar Part No. - TPS22913A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913BYZVR TI1-TPS22913BYZVR Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913BYZVT TI1-TPS22913BYZVT Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913CYZVR TI1-TPS22913CYZVR Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913CYZVT TI1-TPS22913CYZVT Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Similar Description - TPS22913A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22912 TI1-TPS22912 Datasheet
744Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com