Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS01-15B09S Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LS01-15B09S
Description  LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS01-15B09S Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LS01-15B09S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS01-15B09S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS01-15B09S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS01-15B09S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS01 series
A/0-2012
Page 4 of 4
Figure 4:EMC application circuit PCB layout
Safety and recommend wiring: linewidth A
≥3mm
EXTERNAL CAPACITORS TYPICAL VALUE
Output Voltage
C1
C2
C3
FUSE
TVS
5V
470
µF/35V
SMBJ7.0A
9V
SMBJ12A
12V
15V
150
µF/35V
SMBJ20A
24V
10
µF-22µF /400V
1
µF/50V
(Ceramic capacitor)
100
µF/35V
1A/250V
SMBJ30A
Note:
1.
C1:AC input, is filtering electrolytic capacitor (which is required), when input voltage is below 100VAC, and the value of C1 is 10
µF-22μF/400V.
DC input, is a filtering capacitor in EMC Filter, the value of C1 is 10
µF/400V(when input voltage is above 370VDC, and the value of C1 is 10µF/450V), If
EMC performance is not required,C1 could not need.
2.
Output filtering capacitor C2 (which is required when AC input or DC input) is recommended to use high frequency and low impedance electrolytic capacitors.
For capacitance and current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C3 is ceramic
capacitor, it is used to filter high frequency noise. TVS is a recommended component to protect post-circuits (if converter fails). External input NTC is
recommended to use 5D-9.
3.
For standard EMC requirement, please refer to figure 1 , if higher EMC requirement ,please refer to figure 3.
MOV: Varistor,
model: 561KD14,it is used to protect the device under surge;
R1 、R2:2
Ω/3W Winding resistor;
R3:1M
Ω/2W ;
CY1、CY2、CY3、CY4:1nF/400VAC;
CX:0.22
µF /275VAC;
LCM:10mH-30mH;
FC-L01D:Mornsun
’s 2KV/4KV Surge protector.
4.
FUSE: 1A/250V
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
-
()
VinN
+
()
VinL
+CAP
GND
-Vo
+Vo
1
3
5
7
10
12
SIP Package
Φ1.30
[0.051]
1
35
7
10
12
Max35.00[1.378]
2.54[0.100]
5.08[0.200]
1
35
7
10
12
0.84[0.033]
7.62[0.300]
(Bottom View)
MECHANICAL DIMENSIONS & RECOMMENDED FOOTPRINT
PACKAGING DIAGRAM
No te:
Un it: mm[in ch]
Pin se ctio n to lera nce s:
Gene ral tolera nce s: 0 .50mm[
0 .02 0in ch]
±0.10mm[±0.004inch]
±±
Inner box dimensions: L*W*H=355*192*93mm
Packaging quantity: 100pcs
Outer box dimensions: L*W*H=405*380*305mm
Packaging quantity: 600pcs
Pin
Fun ction
FOOTPR INT D ETAILS
Note: grid 2.54*2.54mm.
(Front View)
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-38601272
Http://www.mornsun-power.com


Similar Part No. - LS01-15B09S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LS01-15B05SS MORNSUN-LS01-15B05SS Datasheet
277Kb / 5P
   AC/DC Converter
More results

Similar Description - LS01-15B09S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
logo
Tiger Electronic Co.,Lt...
ULN2003ADR TGS-ULN2003ADR Datasheet
679Kb / 7P
   provided By ALLDATASHEET.COM
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
logo
KODENSHI_AUK CORP.
KE2-22 KODENSHI-KE2-22 Datasheet
179Kb / 3P
   Original cup disks are provided in pairs
logo
SHENZHEN KOO CHIN ELECT...
1H1 KOOCHIN-1H1 Datasheet
370Kb / 2P
   MINIATURE HIGH EFFICIENCY RECTIFIER
logo
Standex Electronics, In...
LS01-1B66-PA-2000W STANDEX-LS01-1B66-PA-2000W Datasheet
220Kb / 1P
   LS01 Series Liquid Level Sensor
Rev.05
logo
Astrodyne Corporation
SMV-500 ASTRODYNE-SMV-500 Datasheet
1Mb / 13P
   500 Watt, High Efficiency, AC/DC Power Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com