Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB10-10B12 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LB10-10B12
Description  LB series ---- is a compact size power converter offered by Mornsun.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10B12 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LB10-10B12 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB10-10B12 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10B12 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10B12 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10B12 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10B12 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LB03-15
A/3-2012
Page 3 of 6
Case material
UL 94V-0
Install
PCB mounting, Chassis mounting with Screw Terminals, DIN-Rail mounting
MTBF
>300,000h @25
°C
Note:
1.
Ripple and Noise were measured by the method of parallel lines;
2.
Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, TA=25
°C, humidity < 75%;
3.
All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our technical
support team.
PARALLEL LINES MEASURE
AC-DC
+Vo
-Vo
FU SE
L
N
25. 4mm
2 5.4 mm
C1
C2
12. 7mm
C o p p e r sh e et
C on n e ct
Osc illo g r a p h Pr o be
L o ad
L
N
Note: C1: 1
μF (ceramic capacitor) C2: 10μF (electrolytic capacitor)
INPUT VOLTAGE VS LOAD
TEMPERATURE VS LOAD
100
240
85
264
20
40
100
60
80
70
Load
(%)
Input voltage
(Vac)
The relationship of dc and ac is as follows while input voltage is dc:
Vdc=1.414*Vac-20.
-40
-10
55
70
100
80
60
40
20
Tem perature(℃)
Load
(%)
TYPICAL APPLICATIONS
L
+Vo
-Vo
L
N
N
C1
C2
FUSE
TVS1 RL
NTC
figure 1: LBXX-10B**( single Output)
L
+Vo
-Vo
L
N
N
C1
C2 TVS1 RL
NTC
FUSE
figure 2: LBXX-10A**(Dual output)
N TC
L
N
L
N
Vo1
Vo2
+
-
+
-
T VS1
C 1 C2
RL
T VS2
C3
C4
RL
F USE
figure 3: LBXX-10D**(Isolate Twin Output)
L
N
+Vo
-Vo
A C-DC
PE
L
N
+Vo
-Vo
PE
figure 4:Note: This application is not supported for this series.
NF
C7
C5
C6
MOV
OUTPUT
NTC
L
N
L
N
FUSE
figure 5:LB03-15 series Recommended circuit for application require higher
EMC standard (external circuit output same as above)
OUT PUT
L
N
L
N
FUSE
IN(L)
IN( N)
OUT(L)
OUT(N)
F C-L01D
figure 6:LB03-15 series Recommended circuit for application require higher
EMC standard (external circuit output same as above)
figure 7: EMC application circuit PCB layout
Safety and recommend wiring: linewidth A≥3mm,B≥6mm,C≥9mm


Similar Part No. - LB10-10B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB10-10B12 MORNSUN-LB10-10B12 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10B12LT MORNSUN-LB10-10B12LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Similar Description - LB10-10B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Cherry Semiconductor Co...
JK-0700 CHERRY-JK-0700 Datasheet
88Kb / 2P
   CHERRY JK-0700 is advanced CHERRY technology in a compact size
logo
TOKYO SEIMITSU CO., LTD
OPT-MEASURE ACCRETECH-OPT-MEASURE Datasheet
454Kb / 1P
   Texture, contour and hybrid. Unprecedented scalability offered by one machine
logo
MORNSUN Science& Techno...
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
logo
Communications & Power ...
3CPX800A7 CPI-3CPX800A7 Datasheet
104Kb / 1P
   The 3CPX800A7 is a compact high-mu power
logo
Littelfuse
K2000YH LITTELFUSE-K2000YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com