Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH15-10B05ER2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH15-10B05ER2
Description  LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-10B05ER2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH15-10B05ER2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-10B05ER2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-10B05ER2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-10B05ER2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-10B05ER2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH15-10B05ER2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN Specifications subject to change without notice
LH*ER2
A/0-2012
Page 3 of 6
PARALLEL LINES MEASURE
AC-DC
+Vo
-Vo
FU SE
L
N
25. 4mm
2 5.4 mm
C1
C2
12. 7mm
C o p p e r sh e et
C on n e ct
Osc illo g r a p h Pr o be
L o ad
L
N
C1: 1
μF (ceramic capacitor)
C2: 10
μF (electrolytic capacitor)
TYPICAL EFFICIENCY CURVE
Efficiency VS Output Load curve
(Vin=230Vac)
0
10
20
30
40
50
60
70
80
90
100
10 20
30 40
50 60
70 80
90
100
Total Output Current(%)
LH10-10B12ER2
LH10-10B24ER2
LH15-10B05ER2
LH15-10B12ER2
LH15-10B24ER2
LH25-10B05ER2
LH25-10B12ER2
LH25-10B24ER2
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
90
85
120
240
264
Input Voltage(Vac)
LH10-10B12ER2
LH10-10B24ER2
LH15-10B05ER2
LH15-10B12ER2
LH15-10B24ER2
LH25-10B05ER2
LH25-10B12ER2
LH25-10B24ER2
INPUT VOLTAGE VS LOAD
TEMPERATURE VS LOAD
100
240
85
264
20
40
100
60
80
70
48
Load(%)
Input
oltage(Vac)
V
*Note: When input DC,
Vdc=1.414Vac-20.
-40
-10
55
70
100
80
60
40
20
Tem perature (℃)
Load(%)
TRIM APPLICATION & TRIM CALCULATION
Application circuit for TRIM
(Part in broken line is the interior of models)
0V
R 2
R 1
R 3
V ref
R T
Tr im
+ Vot
0V
R 2
R 1
R 3
V ref
R T
Trim
+ Vot
Tr im up
Tr im do wn
Formula for Trim resistor
up:
a=
Vref
Vot-Vref
R1
R=
T
aR2
R -a
2
-R3
down:
a=
Vref
Vot-Vref
R2
R=
T
aR1
R -a
1
-R3
Note: Value for R1, R2, R3, and Vref refer to the following table.
RT: Resistance of Trim
a: User-defined parameter, no actual meanings
Vo(V)
Resistance
5
12
24
R1(K
Ω)
3.3
3.83
8.66
R2(K
Ω)
3.3
1
1
R3(K
Ω)
1
1
1
Vref(V)
2.5
2.5
2.5
Vot(V)
Output voltage of Trim, variation
≤ ±10%
TYPICAL APPLICATIONS
LH**-10B**ER2(Single output)
L
+Vo
-Vo
L
N
N
C2
C1
TVS1 RL
NTC
FUSE
(figure 1)
LH**-10D**ER2(Isolate Twin Output)
+
-
C3 C4
-
Vo1
Vo2
TVS2 RL
N
NTC
+
C1 C2 TVS1 RL
L
N
L
F USE
(figure 2)


Similar Part No. - LH15-10B05ER2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10B05 MORNSUN-LH15-10B05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10B05 MORNSUN-LH15-10B05 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10B05-MTL MORNSUN-LH15-10B05-MTL Datasheet
315Kb / 3P
   15W竊똀C-DC CONVERTER
More results

Similar Description - LH15-10B05ER2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
logo
List of Unclassifed Man...
MPQ-ARM ETC2-MPQ-ARM Datasheet
26Kb / 2P
   The MPQ-ARM is a member of RPM?셲 family of dedicated in-system device programmers.
logo
MORNSUN Science& Techno...
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
logo
Roithner LaserTechnik G...
RLT1260-800-HHL ROITHNER-RLT1260-800-HHL Datasheet
357Kb / 2P
   is the series of high-power multimode
logo
STMicroelectronics
AN2691 STMICROELECTRONICS-AN2691 Datasheet
131Kb / 10P
   RPD is a dedicated timing pin for the return-from-power-down circuit
logo
ATMEL Corporation
AT73C224-E ATMEL-AT73C224-E_14 Datasheet
1Mb / 75P
   Activation of the Power Management Modules via Dedicated Enable Pin
logo
STMicroelectronics
AN2340 STMICROELECTRONICS-AN2340 Datasheet
121Kb / 10P
   RPD is a dedicated timing pin for the return from Power Down circuit
logo
Murata Manufacturing Co...
VFS9VD31B223Q93 MURATA1-VFS9VD31B223Q93_V01 Datasheet
346Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com