Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH10-10B24ER2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B24ER2
Description  LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B24ER2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH10-10B24ER2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B24ER2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B24ER2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B24ER2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10B24ER2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10B24ER2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN Specifications subject to change without notice
LH*ER2
A/0-2012
Page 1 of 6
DEDICATED
POWER
CONVERTER
FOR
POWER
SYSTEM
LH(ER2)
SERIES
10-25W, AC-DC CONVERTER
LH(ER2) series ----- is the improved version of Mornsun’s
dedicated power converter for power systems. It accepts universal
voltage range for both DC and AC input.
LH(ER2) feature high
efficiency, high reliability with 3KV isolation. It offers good EMC
performance, meets IEC61000 standards, surge meets level 4
standards, and widely used in power systems applications.
RoHS
PRODUCT FEATURES
1. Universal Input :85 ~ 264VAC,50/60Hz
2. Regulated output with high efficiency
3. Short circuit, over-current and thermal protection
4. UL94V-0 plastic case material
5. Meet CLASS I,safety
6. EMC meets IEC/EN61000-4,CISPR22/EN55022 standard
7. Three years product warranty
8. Special designed for power systems
9. Mounting: PCB, Chassis with Screw Terminals, DIN-Rail.
MODEL SELECTION
LH10-10B12ER2A2
SELECTION GUIDE
Model
Dimension
Power
Output (Vo1/Io1)
Output (Vo2/Io2)
Ripple
and Noise
(Typ.)
Efficiency
(%)(Typ.)
LH10-10B12ER2
12V/900mA
79
LH10-10B24ER2*
24V/450mA
81
LH10-10D0505-02ER2*
5V/1800mA
5V/200mA
75
LH10-10D0512-02ER2*
5V/1500mA
12V/200mA
77
LH10-10D0524-02ER2
10W
5V/1000mA
24V/200mA
77
LH15-10B05ER2*
5V/2800mA
76
LH15-10B12ER2
12V/1250mA
80
LH15-10B24ER2*
24V/650mA
83
LH15-10D0512-04ER2*
5V/2000mA
12V/400mA
80
LH15-10D0524-02ER2
62X45X30mm
15W
5V/2000mA
24V/200mA
80
LH25-10B05ER2*
5V/4100mA
74
LH25-10B12ER2
12V/2100mA
81
LH25-10B24ER2*
70X48X30mm
25W
24V/1100mA
100mV
85
Note: * Designing.
INPUT SPECIFICATIONS
Input Voltage Range
85~264VAC,
120~370VDC
Input Frequency
47~63Hz
Input Current
LH10 models
LH15 models
LH25 models
110VAC
230mA, typ.
250mA, typ.
420mA, typ.
230VAC
120mA, typ.
140mA, typ.
230mA, typ.
Inrush Current
LH10 models
LH15 models
LH25 models
110VAC
10A, typ.
10A, typ.
16A, typ.
230VAC
20A, typ.
20A, typ.
30A, typ.
Leakage Current
0.3mA
RMS typ./230VAC/50Hz
Recommended External Input Fuse
(Special package series include fuse)
LH10/LH15 models
LH25 models
2A/250V
3.15A/250V
slow blow
slow blow


Similar Part No. - LH10-10B24ER2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24 MORNSUN-LH10-10B24 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10B24 MORNSUN-LH10-10B24 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10B24 MORNSUN-LH10-10B24 Datasheet
1Mb / 7P
   10W, AC-DC converter
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH10-10B24ER2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
logo
List of Unclassifed Man...
MPQ-ARM ETC2-MPQ-ARM Datasheet
26Kb / 2P
   The MPQ-ARM is a member of RPM?셲 family of dedicated in-system device programmers.
logo
MORNSUN Science& Techno...
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LD12-20B12A2 MORNSUN-LD12-20B12A2 Datasheet
543Kb / 5P
   LD12 series ----- are the 12W compact size power converter offered by Mornsun.
logo
Roithner LaserTechnik G...
RLT1260-800-HHL ROITHNER-RLT1260-800-HHL Datasheet
357Kb / 2P
   is the series of high-power multimode
logo
STMicroelectronics
AN2691 STMICROELECTRONICS-AN2691 Datasheet
131Kb / 10P
   RPD is a dedicated timing pin for the return-from-power-down circuit
logo
ATMEL Corporation
AT73C224-E ATMEL-AT73C224-E_14 Datasheet
1Mb / 75P
   Activation of the Power Management Modules via Dedicated Enable Pin
logo
STMicroelectronics
AN2340 STMICROELECTRONICS-AN2340 Datasheet
121Kb / 10P
   RPD is a dedicated timing pin for the return from Power Down circuit
logo
Murata Manufacturing Co...
VFS9VD31B223Q93 MURATA1-VFS9VD31B223Q93_V01 Datasheet
346Kb / 3P
   VFS9V series is designed for surge protection of the power supply.
08/24/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com