Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD12-20B12 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LD12-20B12
Description  LD12 series ----- are the 12W compact size power converter offered by Mornsun.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD12-20B12 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LD12-20B12 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD12-20B12 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD12-20B12 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD12-20B12 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD12-20B12 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LD12-20BXX
A/2-2012
Page4 of 5
PCB MOUNTING WITH SOLDER PINS
1
3
4
2
N
L
+Vo
- Vo
RECOM MENDED FOOTPRINT
Ф1.50[0.059]
2
1
3
4
( Bo tto m V ie w)
Note: grid2.54*2.54mm.
F OOTPRINT DETAILS
PIN
FUNCTION
Note:
Unit: mm [inch]
Pin diam eter tolerances:
± .10mm[± 0.004inch]
General tolerances:
± 0.50mm[± 0.020inch]
0
(F ron t Vie w)
Ф1.00
[ 0 .039]
53.80[2.118]
45.72[1.800]
1
2
3
4
LD12XXA2 CHASSIS MOUNTING WITH SCREW TERMINALS
Footprint Details
Pin
1
2
3
4
5
6
7
8
Function
NC
AC(N)
AC(L)
+Vo
NC
-Vo
NC
NC
8.50[0.335]
20.60[0.811]
86.10[3.390]
96.10[3.783]
2
3
1
4
5
6
7
8
Ф3.50[0.138]
(
)
Top View
(
)
Front View
Note:
Unit: mm[inch]
General tolerances: ±0.50mm[±0.020inch]
LD12XXA4 DIN-RAIL MOUNTING
*Meet norm al 35mm DIN-rail package
Footprint Details
Pin
1
2
3
4
5
6
7
8
Function
NC
AC(N)
AC(L)
+Vo
NC
-Vo
NC
NC
86.10[3.390]
96.10[3.783]
2
3
1
4
5
6
7
8
8.50[0.335]
20.60[0.811]
(
)
Top View
(
)
Front View
Note:
Unit: mm[inch]
General tolerances: ±0.50mm[±0.020inch]


Similar Part No. - LD12-20B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LD12-20B12 MORNSUN-LD12-20B12 Datasheet
489Kb / 7P
   12W, AC-DC converter
More results

Similar Description - LD12-20B12

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B24A2 MORNSUN-LH10-10B24A2 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LD10-20B24A2 MORNSUN-LD10-20B24A2 Datasheet
473Kb / 4P
   LD10 series ----is a compact size power converter offered by Mornsun.
LB10-10B24A2 MORNSUN-LB10-10B24A2 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LO10-00B24E MORNSUN-LO10-00B24E Datasheet
242Kb / 4P
   LO10 series -- is a open frame switching power supply offered by MORNSUN.
LS01-15B15S MORNSUN-LS01-15B15S Datasheet
412Kb / 4P
   LS01 Series ----- are high efficiency green power modules with miniature packaging provided by Mornsun.
LH10-10B12ER2A2 MORNSUN-LH10-10B12ER2A2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
logo
Sanken electric
LC5710S SANKEN-LC5710S Datasheet
2Mb / 42P
   Operation Types: The following converter types are applicable by the external circuit configuration
logo
Murata Manufacturing Co...
SFECF10M7DA0001-R0 MURATA-SFECF10M7DA0001-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0 Datasheet
211Kb / 3P
   The filters are mountable by automatic placers
SFECF10M7EA00S0-R0 MURATA-SFECF10M7EA00S0-R0 Datasheet
210Kb / 3P
   The filters are mountable by automatic placers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com