Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75HVD3082EDGK Datasheet(PDF) 9 Page - Texas Instruments

Part # SN75HVD3082EDGK
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75HVD3082EDGK Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75HVD3082EDGK Datasheet HTML 5Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 6Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 7Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 8Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 9Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 10Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 11Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 12Page - Texas Instruments SN75HVD3082EDGK Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
100 W
0V
PulseGenerator,
15 sDuration,
1%DutyCycle
m
-VTEST
VTEST
15ms
15 s
m
DE
RE
8
D
5
6
7
R
V
CC
GND
1
4
3
2
A
B
7
6
DE
RE
1
D
4
3
2
R
B
A
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
www.ti.com
SLLS562G – AUGUST 2009 – REVISED MAY 2009
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 13. Test Circuit and Waveforms, Transient Overvoltage Test
DEVICE INFORMATION
PIN ASSIGNMENT
LOGIC DIAGRAM (POSITIVE LOGIC)
D, P OR DGK PACKAGE
(TOP VIEW)
FUNCTION TABLE
DRIVER
RECEIVER
OUTPUTS
INPUT
INPUT
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
D
DE
VID = VA - VB
RE
R
A
B
H
H
H
L
VID ≤ –0.2 V
L
L
L
H
L
H
–0.2 V < VID < –0.01 V
L
?
X
L
Z
Z
–0.01 V
≤ VID
L
H
Open
H
H
L
X
H
Z
X
Open
Z
Z
Open circuit
L
H
Short circuit
L
H
IDLE Bus
L
H
X
Open
Z
Receiver Failsafe
The differential receiver is “failsafe” to invalid bus states caused by:
open bus conditions such as a disconnected connector,
shorted bus conditions such as cable damage shorting the twisted-pair together, or
idle bus conditions that occur when no driver on the bus is actively driving
In any of these cases, the differential receiver outputs a failsafe logic High state, so that the output of the
receiver is not indeterminate.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SN75HVD3082EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD3082EDGK TI-SN75HVD3082EDGK Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082EDGK TI-SN75HVD3082EDGK Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN75HVD3082EDGK TI-SN75HVD3082EDGK Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDGK TI1-SN75HVD3082EDGK Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN75HVD3082EDGKG4 TI-SN75HVD3082EDGKG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN75HVD3082EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E_09 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com