Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06181505 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 06181505
Description  tyco electronics contents
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

06181505 Datasheet(HTML) 6 Page - Tyco Electronics

Back Button 06181505 Datasheet HTML 2Page - Tyco Electronics 06181505 Datasheet HTML 3Page - Tyco Electronics 06181505 Datasheet HTML 4Page - Tyco Electronics 06181505 Datasheet HTML 5Page - Tyco Electronics 06181505 Datasheet HTML 6Page - Tyco Electronics 06181505 Datasheet HTML 7Page - Tyco Electronics 06181505 Datasheet HTML 8Page - Tyco Electronics 06181505 Datasheet HTML 9Page - Tyco Electronics 06181505 Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 85 page
background image
HT-SCE High temperature, low outgassing heat-shrinkable wire identification sleeves
6
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Heat-Shrink/Cable Markers
HT-SCE - 1K-
1/4 -2.0 -S1-0
Part numbering system
Color
Scoring (optional)
Sleeve length (inches)
Expanded inside diameter (inches)
Pack size
Product family
HT-SCE wire markers are designed for use in high temperature
applications or where extreme resistance to fuels, lubricants and
cleaning solvents is required. They are also ideal for applications in
which low-vacuum outgassing is of high importance. The marker
sleeves are made of highly flame retardant, heat-shrinkable fluo-
ropolymer tubing.
HT-SCE markers are supplied as a thin, flat “ladder” of sleeves held
horizontally between two polyester strips. This configuration feeds
directly from the storage box into standard Tyco Electronics
recommended printers, with no modifications necessary. A strip of
adhesive tape on each side of the sleeves holds them securely in
place for printing and kitting, yet the sleeves pull easily from the
carrier strips. A standard heat gun with reflector is used to shrink
the sleeves onto the wire or cable to achieve a permanent mark.
After shrinking, HT-SCE markers meet the print performance
requirements of SAE AS81531 4.6.2 and MIL-STD-202. HT-SCE
markers are supplied in boxes of 1000 sleeves and are available
in nine diameter sizes. These cover substrates from 0.8mm to
34.0mm. Because of this versatility, customers need not carry a
large inventory of markers.
Features and benefits
I Permanent identification sleeves
I High continuous operating temperature
I Extreme fluid resistance
I Low-vacuum outgassing
I Wide range of sleeve sizes for several wire
and bundle diameters
Temperature rating
Operating temperature range
–55°C to +225°C
–67°F to +437°F
Minimum recovery temperature
+200°C
+392°F
Maximum storage temperature
+40°C
+104°F
Specifications/approvals
Tyco Electronics
RW 2512
TTDS-020
Military
SAE AS 81531 4.6.2
MIL-STD-202 Method 215J
Printer information
Tyco Electronics printer
T312M (thermal transfer)
Tyco Electronics ribbon
TMS-RJS-RIBBON-4HT (thermal transfer)


Similar Part No. - 06181505

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0618.125XP LITTELFUSE-0618.125XP Datasheet
99Kb / 1P
   0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
0618.160XP LITTELFUSE-0618.160XP Datasheet
99Kb / 1P
   0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
0618.200XP LITTELFUSE-0618.200XP Datasheet
99Kb / 1P
   0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
0618.250XP LITTELFUSE-0618.250XP Datasheet
99Kb / 1P
   0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
0618.315XP LITTELFUSE-0618.315XP Datasheet
99Kb / 1P
   0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
More results

Similar Description - 06181505

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PT22AT30B MACOM-PT22AT30B Datasheet
178Kb / 1P
   Tyco Electronics Corporation ShenZhen, China
ASTMD3652 MACOM-ASTMD3652 Datasheet
308Kb / 12P
   Tyco Electronics Solar Identification Labels
PT52A730B MACOM-PT52A730B Datasheet
526Kb / 1P
   Tyco Electronics Corporation Shen Zhen, Ching
logo
List of Unclassifed Man...
DW5937 ETC-DW5937 Datasheet
5Mb / 24P
   CONTENTS
FCA-125 ETC2-FCA-125 Datasheet
112Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays
logo
Freescale Semiconductor...
MC908AP16CFAE FREESCALE-MC908AP16CFAE Datasheet
1Mb / 324P
   Table of Contents
logo
Renesas Technology Corp
TSI721 RENESAS-TSI721 Datasheet
633Kb / 67P
   Table of Contents
April 4, 2016
logo
AVX Corporation
9159 AVX-9159 Datasheet
2Mb / 63P
   Table of Contents
logo
Analog Devices
ADP1761-EVALZ AD-ADP1761-EVALZ Datasheet
486Kb / 9P
   TABLE OF CONTENTS
logo
Tyco Electronics
3-641214-8 MACOM-3-641214-8 Datasheet
2Mb / 84P
   Table of Contents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com