Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R0603-DNP Datasheet(PDF) 3 Page - Texas Instruments

Part # R0603-DNP
Description  TPA2025D1 Audio Power Amplifier Evaluation Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

R0603-DNP Datasheet(HTML) 3 Page - Texas Instruments

  R0603-DNP Datasheet HTML 1Page - Texas Instruments R0603-DNP Datasheet HTML 2Page - Texas Instruments R0603-DNP Datasheet HTML 3Page - Texas Instruments R0603-DNP Datasheet HTML 4Page - Texas Instruments R0603-DNP Datasheet HTML 5Page - Texas Instruments R0603-DNP Datasheet HTML 6Page - Texas Instruments R0603-DNP Datasheet HTML 7Page - Texas Instruments R0603-DNP Datasheet HTML 8Page - Texas Instruments R0603-DNP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
L
PVDD
PVDD
I
= I
VBAT
0.8
æ
ö
´ ç
÷
´
è
ø
L
BOOST
VBAT
(PVDD
VBAT)
L =
I
PVDD
´
-
´
´
f
www.ti.com
Operation
NOTE:
The TPA2025D1 has an auto pass-through mode. Under normal operation (EN = HIGH), the
boost converter automatically turns off if no audio signal is present at one of the inputs (IN+
or IN-).
2.2
Boost Settings
The default voltage for the boost converter is 5.9 V (unloaded) and cannot be changed. If no audio signal
is present, the boost converter is automatically disabled. Once the audio signal is present at IN+ and IN-,
the boost converter enables automatically, when the output signal exceeds 2 V
PEAK.
2.2.1
Boost Terms
The following is a list of terms and definitions:
C
MIN
Minimum boost capacitance required for a given ripple voltage on PVOUT (PVDD)
L
Boost inductor
f
boost
Switching frequency of the boost converter
I
PVDD
Current pulled by the class-D amplifier from the boost converter
I
PVDD
Current pulled by the class-D amplifier from the boost converter
I
L
Current through the boost inductor.
PVDD (PVOUT)
Supply voltage for the class-D amplifier (Voltage generated by the boost converter
output)
VBAT (VDD)
Supply voltage to the TPA2025D1 (Supply voltage to the EVM).
ΔI
L
Ripple current through the inductor.
ΔV
Ripple voltage on PVOUT (PVDD) due to capacitance
2.2.2
Changing the Boost Inductor
Working inductance decreases as inductor current increases. If the drop in working inductance is severe
enough, it may cause the boost converter to become unstable, or cause the TPA2025D1 to reach its
current limit at a lower output power than expected. Inductor vendors specify currents at which inductor
values decrease by a specific percentage. This can vary by 10% to 35%. Inductance is also affected by dc
current and temperature.
Inductor current rating is determined by the requirements of the load. The inductance is determined by two
factors: the minimum value required for stability and the maximum ripple current permitted in the
application.
Use Equation 1 to determine the required current rating. Equation 1 shows the approximate relationship
between the average inductor current, I
L, to the load current, load voltage, and input voltage (IPVDD,
PVOUT, and VBAT, respectively.) Insert I
PVDD, PVDD, and VBAT into Equation 1 to solve for IL. The
inductor must maintain at least 90% of its initial inductance value at this current.
(1)
The minimum working inductance is 1.3
μH. A lower value may cause instability.
Ripple current,
ΔI
L, is peak-to-peak variation in inductor current. Smaller ripple current reduces core losses
in the inductor as well as the potential for EMI. Use Equation 2 to determine the value of the inductor, L.
Equation 2 shows the relationships among inductance L, VBAT, PVDD, the switching frequency, f
boost, and
ΔI
L. Insert the maximum acceptable ripple current into Equation 2 to solve for L.
(2)
3
SLOU310
– September 2011
TPA2025D1 Audio Power Amplifier Evaluation Module
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - R0603-DNP

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
R0605250 RFMD-R0605250 Datasheet
264Kb / 3P
   Si Reverse Hybrid 5MHz to 65MHz
logo
List of Unclassifed Man...
R0605250L ETC-R0605250L Datasheet
61Kb / 4P
   Si Reverse Hybrid , low current
logo
RF Micro Devices
R0605250L RFMD-R0605250L Datasheet
262Kb / 3P
   25dB Reverse Hybrid 5MHz to 65MHz
logo
Qorvo, Inc
R0605250L QORVO-R0605250L Datasheet
262Kb / 3P
   25dB Reverse Hybrid 5MHz to 65MHz (Low Current)
logo
PREMIER DEVICES, INC.
R0605250L1 PDI-R0605250L1 Datasheet
129Kb / 4P
   Si Reverse, low current, 5 - 65 MHz, 25.2dB typ. Gain @ 65MHz, 135mA max. @ 24VDC
More results

Similar Description - R0603-DNP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2008D2 TI-TPA2008D2 Datasheet
229Kb / 26P
[Old version datasheet]   FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER EVALUATION MODULE
logo
Panasonic Semiconductor
RSN309W44B PANASONIC-RSN309W44B Datasheet
192Kb / 1P
   Audio Power Amplifier Module
logo
Texas Instruments
SLVU006A TI1-SLVU006A Datasheet
388Kb / 28P
[Old version datasheet]   UNIVERSAL OPERATIONAL AMPLIFIER EVALUATION MODULE
logo
Zetex Semiconductors
ZXCD50STEVAL ZETEX-ZXCD50STEVAL Datasheet
810Kb / 11P
   50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
   100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
logo
NTE Electronics
NTE1024 NTE-NTE1024 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
NTE1027 NTE-NTE1027 Datasheet
18Kb / 2P
   Integrated Circuit Module - Hybrid, Audio Power Amplifier
logo
Analog Devices
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
   Evaluation Board for Filterless Class-D Audio Amplifier
logo
Texas Instruments
LMZ31704EVM-003 TI-LMZ31704EVM-003 Datasheet
628Kb / 12P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
LMZ31503EVM-692 TI-LMZ31503EVM-692 Datasheet
978Kb / 22P
[Old version datasheet]   Simple Switcher짰 Power Module Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com