Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR228C104MARAP1 Datasheet(PDF) 4 Page - AVX Corporation

Part # SR228C104MARAP1
Description  Radial Leads/SkyCap짰/SR Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR228C104MARAP1 Datasheet(HTML) 4 Page - AVX Corporation

  SR228C104MARAP1 Datasheet HTML 1Page - AVX Corporation SR228C104MARAP1 Datasheet HTML 2Page - AVX Corporation SR228C104MARAP1 Datasheet HTML 3Page - AVX Corporation SR228C104MARAP1 Datasheet HTML 4Page - AVX Corporation SR228C104MARAP1 Datasheet HTML 5Page - AVX Corporation SR228C104MARAP1 Datasheet HTML 6Page - AVX Corporation SR228C104MARAP1 Datasheet HTML 7Page - AVX Corporation SR228C104MARAP1 Datasheet HTML 8Page - AVX Corporation SR228C104MARAP1 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
18
Radial Leads/SkyCap
®/SR Series
Z5U Dielectric
For other styles, voltages, tolerances and lead lengths see Part No. Codes or contact factory.
*Other capacitance values available upon special request.
Capacitance ranges available for SR12 and SR07 same as SR15
SR62 and SR59 same as SR21
SR64 and SR65 same as SR30
SR75 same as SR40
SR13 same as SR21
NOTE: For others voltages, tolerances, electrical specifications and
NPO typical characteristics, see the AVX Multilayer Ceramic
Leaded Capacitors Catalog.
MAXIMUM CAPACITANCE VALUE
STYLE*
C0G (NP0)
X7R
SR29
900 pF
.015 µF
SR20
1800 pF
.033 µF
SR28
SR59
900 pF
.015 µF
SR13
SR21
1800 pF
.033 µF
SR30
SR61
7200 pF
.12 µF
SR65
SR40
SR75
.015 µF
.27 µF
SR22
1800 pF
.033 µF
SR27
1800 pF
.033 µF
SR76
.015 µF
.27 µF
SR50
.036 µF
.59 µF
AVX 500 VOLT SKYCAPS**
*Consult pages 27 and 28 for style sizes.
**Voltage rating based on DWV of 150% of rated voltage.
AVX Style
SR15
SR20
SR21
SR22
SR27
SR30
SR40
SR50
AVX “Insertable”
SR07
SR29
SR59
N/A
N/A
SR65
SR75
N/A
Width
3.81
5.08
5.08
5.08
6.604
7.62
10.16
12.70
(W)
(.150)
(.200)
(.200)
(.200)
(.260)
(.300)
(.400)
(.500)
Height
3.81
5.08
5.08
5.08
6.35
7.62
10.16
12.70
(H)
(.150)
(.200)
(.200)
(.200)
(.250)
(.300)
(.400)
(.500)
Thickness
2.54
3.175
3.175
3.175
4.06
3.81
3.81
5.08
(T)
(.100)
(.125)
(.125)
(.125)
(.160)
(.150)
(.150)
(.200)
Lead Spacing
2.54
2.54
5.08
6.35
7.62
5.08
5.08
10.16
(L.S.)
(.100)
(.100)
(.200)
(.250)
(.300)
(.200)
(.200)
(.400)
Lead Diameter
.508
.508
.508
.508
.508
.508
.508
.635
(L.D.)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.020)
(.025)
Cap. in.* Industry Preferred
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
WVDC
pF
Values in Blue
100
50
100
50
100
50
100
50
100
50
100
50
100
50
100
50
10,000
SR155E103ZAR
47,000
SR-----E473ZAR
100,000
SR215E104ZAR
150,000
SR-----E154ZAR
220,000
SR215E224ZAR
330,000
SR215E334ZAR
470,000
SR215E474ZAR
680,000
SR-----E684ZAR
1.0 µF
SR-----105ZAR
1.5 µF
SR30E155ZAR
2.2 µF
SR30E225ZAR
3.3 µF
SR30E335ZAR
4.7 µF
SR30E475ZAR
= Industry preferred values
= SR20 only
SIZE AND CAPACITANCE SPECIFICATIONS
EIA Characteristic
Dimensions: Millimeters (Inches)


Similar Part No. - SR228C104MARAP1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR228C104MARAP1 AVX-SR228C104MARAP1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR228C104MARAP1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
   Radial Leads/SkyCap짰/AR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com