Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29EE010-250-4I-EH Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST29EE010-250-4I-EH
Description  1 Mbit (128K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE010-250-4I-EH Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST29EE010-250-4I-EH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE010-250-4I-EH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
Data Sheet
1 Mbit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
©2001 Silicon Storage Technology, Inc.
S71061-07-000
6/01
304
Product Identification
The product identification mode identifies the device as the
SST29EE/LE/VE010 and manufacturer as SST. This mode
is accessed via software. For details, see Table 4, Figure
11 for the software ID entry and read timing diagram and
Figure 18, for the ID entry command sequence flowchart.
Product Identification Mode Exit
In order to return to the standard read mode, the Software
Product Identification mode must be exited. Exiting is
accomplished by issuing the Software ID Exit (reset) opera-
tion, which returns the device to the Read operation. The
Reset operation may also be used to reset the device to the
Read mode after an inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. See Table 4 for software command
codes, Figure 12 for timing waveform, and Figure 18 for a
flowchart.
FIGURE 1: PIN ASSIGNMENTS FOR 32-LEAD PLCC
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST29EE010
0001H
07H
SST29LE010
0001H
08H
SST29VE010
0001H
08H
T1.3 304
Y-Decoder and Page Latches
I/O Buffers and Data Latches
304 ILL B1.1
Address Buffer & Latches
X-Decoder
DQ7 - DQ0
A16 - A0
WE#
OE#
CE#
SuperFlash
Memory
Control Logic
FUNCTIONAL BLOCK DIAGRAM
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
4
3
2
1
32
31 30
32-lead PLCC
Top View
304 ILL F02.3
14
15
16
17 18
19
20


Similar Part No. - SST29EE010-250-4I-EH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010-250-4I-EH SST-SST29EE010-250-4I-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010-250-4I-EH SST-SST29EE010-250-4I-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29EE010-250-4I-EH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST28SF040A SST-SST28SF040A Datasheet
323Kb / 24P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
SST29EE512 SST-SST29EE512 Datasheet
423Kb / 26P
   512 Kbit (64K x8) Page-Write EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com