Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1T45 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVC1T45
Description  SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1T45 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVC1T45_12 Datasheet HTML 2Page - Texas Instruments SN74LVC1T45_12 Datasheet HTML 3Page - Texas Instruments SN74LVC1T45_12 Datasheet HTML 4Page - Texas Instruments SN74LVC1T45_12 Datasheet HTML 5Page - Texas Instruments SN74LVC1T45_12 Datasheet HTML 6Page - Texas Instruments SN74LVC1T45_12 Datasheet HTML 7Page - Texas Instruments SN74LVC1T45_12 Datasheet HTML 8Page - Texas Instruments SN74LVC1T45_12 Datasheet HTML 9Page - Texas Instruments SN74LVC1T45_12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Switching Characteristics
Switching Characteristics
SN74LVC1T45
SCES515I – DECEMBER 2003 – REVISED MAY 2009 ..................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 1)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
±0.15 V
±0.2 V
±0.3 V
±0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
3
17.7
2.2
10.3
1.7
8.3
1.4
7.2
A
B
ns
tPHL
2.8
14.3
2.2
8.5
1.8
7.1
1.7
7
tPLH
3
17.7
2.3
16
2.1
15.5
1.9
15.1
B
A
ns
tPHL
2.8
14.3
2.1
12.9
2
12.6
1.8
12.2
tPHZ
5.2
19.4
4.8
18.5
4.7
18.4
5.1
17.1
DIR
A
ns
tPLZ
2.3
10.5
2.1
10.5
2.4
10.7
3.1
10.9
tPHZ
7.4
21.9
4.9
11.5
4.6
10.3
2.8
8.2
DIR
B
ns
tPLZ
4.2
16
3.7
9.2
3.3
8.4
2.4
6.4
tPZH
(1)
33.7
25.2
23.9
21.5
DIR
A
ns
tPZL
(1)
36.2
24.4
22.9
20.4
tPZH
(1)
28.2
20.8
19
18.1
DIR
B
ns
tPZL
(1)
33.7
27
25.5
24.1
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 1)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
±0.15 V
±0.2 V
±0.3 V
±0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.3
16
1.5
8.5
1.3
6.4
1.1
5.1
A
B
ns
tPHL
2.1
12.9
1.4
7.5
1.3
5.4
0.9
4.6
tPLH
2.2
10.3
1.5
8.5
1.4
8
1
7.5
B
A
ns
tPHL
2.2
8.5
1.4
7.5
1.3
7
0.9
6.2
tPHZ
3
8.1
3.1
8.1
2.8
8.1
3.2
8.1
DIR
A
ns
tPLZ
1.3
5.9
1.3
5.9
1.3
5.9
1
5.8
tPHZ
6.5
23.7
4.1
11.4
3.9
10.2
2.4
7.1
DIR
B
ns
tPLZ
3.9
18.9
3.2
9.6
2.8
8.4
1.8
5.3
tPZH
(1)
29.2
18.1
16.4
12.8
DIR
A
ns
tPZL
(1)
32.2
18.9
17.2
13.3
tPZH
(1)
21.9
14.4
12.3
10.9
DIR
B
ns
tPZL
(1)
21
15.6
13.5
12.7
(1)
The enable time is a calculated value, derived using the formula shown in the enable times section.
6
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): SN74LVC1T45


Similar Part No. - SN74LVC1T45_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1T45 TI-SN74LVC1T45_10 Datasheet
832Kb / 25P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

Similar Description - SN74LVC1T45_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVCH1T45 TI-SN74AVCH1T45 Datasheet
427Kb / 21P
[Old version datasheet]   SINGLE BIT DUAL SUPPLY BUS TRANSCEIVER
SN74LVC1T45-Q1 TI1-SN74LVC1T45-Q1_14 Datasheet
761Kb / 21P
[Old version datasheet]   SINGLE-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC2T245 TI1-SN74AVC2T245_16 Datasheet
354Kb / 21P
[Old version datasheet]   Dual-Bit Dual-Supply Bus Transceiver
SN74LVC2T45-EP TI-SN74LVC2T45-EP Datasheet
187Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
Texas Instruments
SN74LVC32DB TI1-SN74LVC32DB Datasheet
1Mb / 22P
[Old version datasheet]   8-BIT DUAL-SUPPLY BUS TRANSCEIVER
logo
Toshiba Semiconductor
TC74VCX163245FT TOSHIBA-TC74VCX163245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
TC74LCX163245FT TOSHIBA-TC74LCX163245FT_07 Datasheet
194Kb / 11P
   16-Bit Dual Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com