Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4170AIPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4170AIPW
Description  36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4170AIPW Datasheet(HTML) 1 Page - Texas Instruments

  OPA4170AIPW Datasheet HTML 1Page - Texas Instruments OPA4170AIPW Datasheet HTML 2Page - Texas Instruments OPA4170AIPW Datasheet HTML 3Page - Texas Instruments OPA4170AIPW Datasheet HTML 4Page - Texas Instruments OPA4170AIPW Datasheet HTML 5Page - Texas Instruments OPA4170AIPW Datasheet HTML 6Page - Texas Instruments OPA4170AIPW Datasheet HTML 7Page - Texas Instruments OPA4170AIPW Datasheet HTML 8Page - Texas Instruments OPA4170AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
PackageFootprintComparison(toScale)
PackageHeight
(toScale)
Comparison
D(SO-8)
DBV(SOT23-5)
DRL(SOT553)
OPA170
OPA2170
OPA4170
www.ti.com
SBOS557A
– AUGUST 2011 – REVISED SEPTEMBER 2011
36V, Single-Supply, SOT553, Low-Power
OPERATIONAL AMPLIFIERS
Check for Samples: OPA170, OPA2170, OPA4170
1
FEATURES
DESCRIPTION
The OPA170, OPA2170 and OPA4170 (OPAx170)
2
Supply Range: +2.7V to +36V,
±1.35V to ±18V
are
a
family
of
36V,
single-supply,
low-noise
Low Noise: 19nV/
√Hz
operational amplifiers that feature micro packages
RFI Filtered Inputs
with the ability to operate on supplies ranging from
+2.7V (
±1.35V) to +36V (±18V). They offer good
Input Range Includes the Negative Supply
offset, drift, and bandwidth with low quiescent current.
Input Range Operates to Positive Supply
The single, dual, and quad versions all have identical
Rail-to-Rail Output
specifications for maximum design flexibility.
Gain Bandwidth: 1.2MHz
Unlike most op amps, which are specified at only one
Low Quiescent Current: 110
µA per Amplifier
supply voltage, the OPAx170 family of op amps is
specified from +2.7V to +36V. Input signals beyond
High Common-Mode Rejection: 120dB
the supply rails do not cause phase reversal. The
Low Bias Current: 15pA (max)
OPAx170 family is stable with capacitive loads up to
Industry-Standard Packages:
300pF. The input can operate 100mV below the
negative rail and within 2V of the positive rail for
– 8-Pin SOIC
normal operation. Note that these devices can
– 8-Pin MSOP
operate with full rail-to-rail input 100mV beyond the
– 14-Pin TSSOP
positive rail, but with reduced performance within 2V
of the positive rail.
microPackages:
– Single in 5-Pin SOT553
The OPA170 is available in SOT553, SOT23-5, and
SO-8 packages. The dual OPA2170 comes in
– Dual in 8-Pin VSSOP
VSSOP-8, MSOP-8, and SO-8 packages. The quad
OPA4170
is
offered
in
TSSOP-14
and
SO-14
APPLICATIONS
packages. The OPAx170 op amps are specified
Tracking Amplifier in Power Modules
from
–40°C to +125°C.
Merchant Power Supplies
Transducer Amplifiers
Bridge Amplifiers
Temperature Measurements
Strain Gauge Amplifiers
Precision Integrators
Battery-Powered Instruments
Test Equipment
Product Family
DEVICE
PACKAGE
OPA170 (single)
SOT553, SOT23-5, SO-8
OPA2170 (dual)
VSSOP-8, MSOP-8, SO-8
OPA4170 (quad)
TSSOP-14, SO-14
.
Smallest Packaging for 36V Op Amps
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA4170AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4170AIPW TI1-OPA4170AIPW Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA4170AIPW TI1-OPA4170AIPW Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA4170AIPWR TI1-OPA4170AIPWR Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA4170AIPWR TI1-OPA4170AIPWR Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results

Similar Description - OPA4170AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com