Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECJ-3VBIC104K Datasheet(PDF) 9 Page - Texas Instruments

Part # ECJ-3VBIC104K
Description  High-Performance Linear/Interface Products
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ECJ-3VBIC104K Datasheet(HTML) 9 Page - Texas Instruments

Back Button ECJ-3VBIC104K Datasheet HTML 5Page - Texas Instruments ECJ-3VBIC104K Datasheet HTML 6Page - Texas Instruments ECJ-3VBIC104K Datasheet HTML 7Page - Texas Instruments ECJ-3VBIC104K Datasheet HTML 8Page - Texas Instruments ECJ-3VBIC104K Datasheet HTML 9Page - Texas Instruments ECJ-3VBIC104K Datasheet HTML 10Page - Texas Instruments ECJ-3VBIC104K Datasheet HTML 11Page - Texas Instruments ECJ-3VBIC104K Datasheet HTML 12Page - Texas Instruments ECJ-3VBIC104K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Signal Paths
1-3
Introduction
Figure 1 - 2. SN65HVD22 Evaluation Module (EVM)
Note that the EVM printed circuit board includes a location (U1) for a full-duplex
transceiver. This allows for future EVM configurations using the same board.
1.2
Signal Paths
The signal paths on this EVM include coaxial connectors (J7 and J8) for
connecting to test equipment, and differential connection points (W17 and
W18) for connecting to an RS-485 bus. Two banana jacks (J17 and J18)
provide for power and ground connections. Jumpers (W3 and W4) in the circuit
can be used to set the transceiver enabling. Jumper W11 is used to select the
common-mode voltage (VCM) test conditions. Additional test points are
provided in the circuit to facilitate measurements of critical signals.
Table 1 - 1 lists the EVM connections.
Table 1 - 1. HVD22 EVM Connections
Connection
Label
Description
J17
Vcc2
Power supply for HVD22 device
J18
GND2
Power supply ground
J7
RECEIVER
Receiver output, R (pin 1)
J8
DRIVER INPUT
Driver input, D (pin 4)
P3, W17, W18
TRANSCEIVER I/O
RS-485 BUS I/O (pins 6 and 7)
TP3
R
Receiver output (pin 1)
TP4
Driver input, D (pin 4)
TP6
EXT_V2
Externally applied Vcm
W3
RECEIVER
Receiver enable, RE, (pin 2)
W4
DRIVER
Driver enable, DE, (pin 3)
W11
TRANSCEIVER VCM SELECT
Select between Vcm choices:
None, GND2, External


Similar Part No. - ECJ-3VBIC104K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-3VB1E104K PANASONIC-ECJ-3VB1E104K Datasheet
321Kb / 6P
   Multilayer Ceramic Capacitors (High Capacitance)
logo
International Rectifier
ECJ-3VB1E104K IRF-ECJ-3VB1E104K Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
ECJ-3VB1E334K IRF-ECJ-3VB1E334K Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
More results

Similar Description - ECJ-3VBIC104K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELIS-1024 ETC2-ELIS-1024 Datasheet
278Kb / 11P
   High Performance Linear Image Sensors
logo
Applied Micro Circuits ...
S2042 AMCC-S2042 Datasheet
230Kb / 20P
   HIGH PERFORMANCE SERIAL INTERFACE CIRCUITS
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
STMicroelectronics
L6932H12 STMICROELECTRONICS-L6932H12 Datasheet
259Kb / 13P
   High performance 2A ULDO linear regulator
logo
Zarlink Semiconductor I...
ZL60010 ZARLINK-ZL60010 Datasheet
250Kb / 7P
   High-Performance Linear PIN 1300nm, 1550nm
logo
Maxim Integrated Produc...
MAX38907 MAXIM-MAX38907 Datasheet
1Mb / 25P
   4A, High-Performance LDO Linear Regulators
2020
logo
STMicroelectronics
L6932 STMICROELECTRONICS-L6932_05 Datasheet
353Kb / 11P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
L6932 STMICROELECTRONICS-L6932 Datasheet
355Kb / 10P
   HIGH PERFORMANCE 2A ULDO LINEAR REGULATOR
logo
Integrated Device Techn...
IDTQS4A105 IDT-IDTQS4A105_09 Datasheet
100Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
IDTQS4A105 IDT-IDTQS4A105_14 Datasheet
253Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL 4PST SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com