Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

499-P44-20 Datasheet(PDF) 9 Page - Texas Instruments

Part # 499-P44-20
Description  bq2026 Evaluation Software
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

499-P44-20 Datasheet(HTML) 9 Page - Texas Instruments

Back Button 499-P44-20 Datasheet HTML 4Page - Texas Instruments 499-P44-20 Datasheet HTML 5Page - Texas Instruments 499-P44-20 Datasheet HTML 6Page - Texas Instruments 499-P44-20 Datasheet HTML 7Page - Texas Instruments 499-P44-20 Datasheet HTML 8Page - Texas Instruments 499-P44-20 Datasheet HTML 9Page - Texas Instruments 499-P44-20 Datasheet HTML 10Page - Texas Instruments 499-P44-20 Datasheet HTML 11Page - Texas Instruments 499-P44-20 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
Software Operation
Figure 6. ROM CMD Page
8.3
DATA
This page (see Figure 7) allows the user to program the 1.5K-bit EPROM with desired values and to
program the STATUS bytes. It requires that the hardware is set up as described in the EPROM
programming of this user's guide.
8.3.1
1.5K-Bit EPROM
The EPROM memory map is organized in six pages of 32 bytes each. All registers can be read by clicking
on the Read Memory button. As the registers of a specific page are being read, the page number is
highlighted in red.
The two methods of programming the EPROM using the evaluation program follow.
1. Click on a specific grid that corresponds to the register that needs to be written. Write the hexadecimal
value of the data that needs to be written, and then press ENTER.
2. The other method of programming the EPROM is by importing a data file that contains all the values to
be programmed. The data file has the file extension .epr. An example of a data file is included with the
evaluation program. To create additional data files, modify the example file so that the values on the
right side of the file represent the desired values. Save the file with a different name ensuring that the
extension .epr is used. To import a file into the grid, go to File
→ Open Data File, and select the
appropriate file. Once the file is opened, the grid is filled in with the values contained in the data file.
9
SLUU763
– December 2011
bq2026 Evaluation Software
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - 499-P44-20

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
499-P36-10 ATMEL-499-P36-10 Datasheet
2Mb / 14P
   Atmel Secure Personalization Kit for CryptoAuthentication
499-P36-20 ATMEL-499-P36-20 Datasheet
857Kb / 38P
   AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
More results

Similar Description - 499-P44-20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UM1488 STMICROELECTRONICS-UM1488 Datasheet
2Mb / 17P
   STPMC1 evaluation software
logo
Cirrus Logic
CDB5534U CIRRUS-CDB5534U Datasheet
619Kb / 22P
   Evaluation Board and Software
logo
STMicroelectronics
UM1719 STMICROELECTRONICS-UM1719 Datasheet
1Mb / 18P
   The STPM3x evaluation software
logo
Cirrus Logic
CDB5530U CIRRUS-CDB5530U Datasheet
760Kb / 20P
   Evaluation Board and Software
CDB5471 CIRRUS-CDB5471 Datasheet
1Mb / 26P
   Evaluation Board and Software
CDB5461 CIRRUS-CDB5461 Datasheet
1Mb / 27P
   Evaluation Board and Software
CDB5460A CIRRUS-CDB5460A Datasheet
1Mb / 28P
   Evaluation Board and Software
CDB5510 CIRRUS-CDB5510 Datasheet
2Mb / 22P
   Evaluation Board and Software
CDB5550 CIRRUS-CDB5550 Datasheet
796Kb / 23P
   Evaluation Board and Software
CDB5451A CIRRUS-CDB5451A Datasheet
1Mb / 24P
   Evaluation Board and Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com