Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA171AIDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA171AIDBVR
Description  36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA171AIDBVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA171AIDBVR Datasheet HTML 1Page - Texas Instruments OPA171AIDBVR Datasheet HTML 2Page - Texas Instruments OPA171AIDBVR Datasheet HTML 3Page - Texas Instruments OPA171AIDBVR Datasheet HTML 4Page - Texas Instruments OPA171AIDBVR Datasheet HTML 5Page - Texas Instruments OPA171AIDBVR Datasheet HTML 6Page - Texas Instruments OPA171AIDBVR Datasheet HTML 7Page - Texas Instruments OPA171AIDBVR Datasheet HTML 8Page - Texas Instruments OPA171AIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
OPA171
OPA2171
OPA4171
SBOS516C
– SEPTEMBER 2010 – REVISED JUNE 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION (1)
PACKAGE
PACKAGE
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
MARKING
ORDERING NUMBER
QUANTITY
OPA171AIDRLT
Tape and Reel, 250
SOT553
DRL
DAP
OPA171AIDRLR
Tape and Reel, 4000
OPA171AIDBVT
Tape and Reel, 250
OPA171
SOT23-5
DBV
OSUI
OPA171AIDBVR
Tape and Reel, 3000
OPA171AID
Rail, 75
SO-8
D
O171A
OPA171AIDR
Tape and Reel, 2500
OPA2171AIDGK
Rail, 80
MSOP-8
DGK
OPMI
OPA2171AIDGKR
Tape and Reel, 2500
OPA2171AIDCUT
Tape and Reel, 250
OPA2171
VSSOP-8
DCU
OPOC
OPA2171AIDCUR
Tape and Reel, 3000
OPA2171AID
Rail, 75
SO-8
D
2171A
OPA2171AIDR
Tape and Reel, 2500
OPA4171AID
Rail, 50
SO-14
D
OPA4171
OPA4171AIDR
Tape and Reel, 2500
OPA4171
OPA4171AIPW
Rail, 90
TSSOP-14
PW
OPA4171
OPA4171AIPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPAx171
UNIT
Supply voltage
±20
V
Voltage
(V
–) – 0.5 to (V+) + 0.5
V
Signal input terminals
Current
±10
mA
Output short circuit(2)
Continuous
Operating temperature
–55 to +150
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
4
kV
ESD ratings:
Charged device model (CDM)
750
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Short-circuit to ground, one amplifier per package.
2
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - OPA171AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171AIDBVR TI1-OPA171AIDBVR Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171AIDBVR TI1-OPA171AIDBVR Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171AIDBVR TI1-OPA171AIDBVR Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA171AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_12 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA2171-EP TI-OPA2171-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   OPA2171-EP 36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com