Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA170AIDBVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA170AIDBVR
Description  36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA170AIDBVR Datasheet(HTML) 2 Page - Texas Instruments

  OPA170AIDBVR Datasheet HTML 1Page - Texas Instruments OPA170AIDBVR Datasheet HTML 2Page - Texas Instruments OPA170AIDBVR Datasheet HTML 3Page - Texas Instruments OPA170AIDBVR Datasheet HTML 4Page - Texas Instruments OPA170AIDBVR Datasheet HTML 5Page - Texas Instruments OPA170AIDBVR Datasheet HTML 6Page - Texas Instruments OPA170AIDBVR Datasheet HTML 7Page - Texas Instruments OPA170AIDBVR Datasheet HTML 8Page - Texas Instruments OPA170AIDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
OPA170
OPA2170
OPA4170
SBOS557A
– AUGUST 2011 – REVISED SEPTEMBER 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PACKAGE
TRANSPORT MEDIA,
PRODUCT
PACKAGE-LEAD
DESIGNATOR
MARKING
ORDERING NUMBER
QUANTITY
OPA170AIDRLT
Tape and Reel, 250
SOT553-5
DRL
DAQ
OPA170AIDRLR
Tape and Reel, 4000
OPA170AIDBVT
Tape and Reel, 250
OPA170
SOT23-5
DBV
OSVI
OPA170AIDBVR
Tape and Reel, 3000
OPA170AID
Rail, 75
SO-8
D
O170A
OPA170AIDR
Tape and Reel, 2500
OPA2170AIDGK
Rail, 80
MSOP-8
DGK
OPNI
OPA2170AIDGKR
Tape and Reel, 2500
OPA2170AIDCUT
Tape and Reel, 250
OPA2170
VSSOP-8
DCU
OPQC
OPA2170AIDCUR
Tape and Reel, 3000
OPA2170AID
Rail, 75
SO-8
D
2170A
OPA2170AIDR
Tape and Reel, 2500
OPA4170AID
Rail, 50
SO-14
D
OPA4170
OPA4170AIDR
Tape and Reel, 2500
OPA4170
OPA4170AIPW
Rail, 90
TSSOP-14
PW
OPA4170
OPA4170AIPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
OPA170, OPA2170, OPA4170
UNIT
Supply voltage
±20, +40 (single supply)
V
Voltage
(V
–) – 0.5 to (V+) + 0.5
V
Signal input terminals
Current
±10
mA
Output short circuit(2)
Continuous
Operating temperature
–55 to +150
°C
Storage temperature
–65 to +150
°C
Junction temperature
+150
°C
Human body model (HBM)
4
kV
ESD ratings
Charged device model (CDM)
750
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Short-circuit to ground, one amplifier per package.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): OPA170 OPA2170 OPA4170


Similar Part No. - OPA170AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170AIDBVR TI1-OPA170AIDBVR Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA170AIDBVR TI1-OPA170AIDBVR Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
More results

Similar Description - OPA170AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA170 TI1-OPA170 Datasheet
1Mb / 28P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS
SEPTEMBER2011
OPA171 TI1-OPA171_11 Datasheet
1Mb / 30P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
JUNE2011
OPA171 TI1-OPA171 Datasheet
790Kb / 25P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA171 TI1-OPA171_12 Datasheet
1Mb / 33P
[Old version datasheet]   36V, Single-Supply, SOT553, General-Purpose OPERATIONAL AMPLIFIERS
OPA170 TI-OPA170_15 Datasheet
2Mb / 34P
[Old version datasheet]   36V, Single-Supply, SOT553, Low-Power OPERATIONAL AMPLIFIERS Value Line Series
OPA171 TI1-OPA171_15 Datasheet
1Mb / 43P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA2171-EP TI1-OPA2171-EP Datasheet
1Mb / 28P
[Old version datasheet]   Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA170 TI1-OPA170_18 Datasheet
3Mb / 56P
[Old version datasheet]   36-V, Single-Supply, SOT553, Low-Power Operational Amplifiers Value Line Series
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
logo
ON Semiconductor
MC33171 ONSEMI-MC33171 Datasheet
217Kb / 12P
   Low Power, Single Supply Operational Amplifiers
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com