Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSJ151P10 Datasheet(PDF) 2 Page - Rohm

Part # RSJ151P10
Description  Pch 100V 15A Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSJ151P10 Datasheet(HTML) 2 Page - Rohm

  RSJ151P10 Datasheet HTML 1Page - Rohm RSJ151P10 Datasheet HTML 2Page - Rohm RSJ151P10 Datasheet HTML 3Page - Rohm RSJ151P10 Datasheet HTML 4Page - Rohm RSJ151P10 Datasheet HTML 5Page - Rohm RSJ151P10 Datasheet HTML 6Page - Rohm RSJ151P10 Datasheet HTML 7Page - Rohm RSJ151P10 Datasheet HTML 8Page - Rohm RSJ151P10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSJ151P10
Thermal resistance, junction - ambient
-
95
135
VGS = -4.0V, ID = -15A
-
100
140
220
RDS(on)
*5
lElectrical characteristics(T
a = 25°C)
Parameter
Drain - Source breakdown voltage
Zero gate voltage drain current
V(BR)DSS
IDSS
-
-
-
-1
-
-100
Values
Unit
gfs
VDS = -100V, VGS = 0V
Tj = 25°C
VDS = -100V, VGS = 0V
lThermal resistance
Parameter
Symbol
Symbol
Conditions
VGS = 0V, ID = -1mA
Tsold
Thermal resistance, junction - ambient
*4
Soldering temperature, wavesoldering for 10s
RthJA
RthJC
VGS = -4.5V, ID = -15A
Values
Unit
Min.
Typ.
Max.
-
2.5
°C/W
-
-
°C/W
92.6
-
Min.
Typ.
Max.
°C
V
-100
-
-
-
-
265
10
mA
Tj = 125°C
V
Gate threshold voltage
VGS (th)
VDS = -10V, ID = -1mA
-1.0
-
-2.5
Gate - Source leakage current
IGSS
VGS = 20V, VDS = 0V
-
-
mA
m
W
VGS = -10V, ID = -15A
Tj = 125°C
Forward transfer admittance
VDS = -10V, ID = -15A
13
26
-
S
Static drain - source
on - state resistance
VGS = -10V, ID = -15A
-
85
120
-
155
2/12
2012.08 - Rev.A


Similar Part No. - RSJ151P10

ManufacturerPart #DatasheetDescription
logo
Rohm
RSJ10HN06 ROHM-RSJ10HN06 Datasheet
1Mb / 7P
   4V Drive Nch MOSFET
More results

Similar Description - RSJ151P10

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8JE5 ROHM-SH8JE5 Datasheet
2Mb / 14P
   -100V PchPch Power MOSFET
20230126 - Rev.002
RD3G01BAT ROHM-RD3G01BAT Datasheet
2Mb / 14P
   Pch -40V -15A Power MOSFET
RD3P130SPFRA ROHM-RD3P130SPFRA Datasheet
2Mb / 15P
   Pch -100V -13A Power MOSFET
RF4P025AT ROHM-RF4P025AT Datasheet
2Mb / 14P
   Pch -100V -2.5A Power MOSFET
20221229 - Rev.002
RS1P090AT ROHM-RS1P090AT Datasheet
2Mb / 13P
   Pch -100V -33A Power MOSFET
20230126 - Rev.002
RD3P130SP ROHM-RD3P130SP Datasheet
2Mb / 16P
   Pch -100V -13A Power MOSFET
SP8M51FRA ROHM-SP8M51FRA Datasheet
4Mb / 22P
   100V NchPch Power MOSFET
RQ6P020AT ROHM-RQ6P020AT Datasheet
2Mb / 14P
   Pch -100V -2A Power MOSFET
20230118 - Rev.002
RX3P12BAT ROHM-RX3P12BAT Datasheet
2Mb / 14P
   Pch -100V -120A Power MOSFET
20230203 - Rev.002
SH8M51 ROHM-SH8M51 Datasheet
2Mb / 22P
   100V NchPch Power MOSFET
20190527 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com