Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC273-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC273-Q1
Description  OCTAL D-TYPE FLIP-FLOP WITH CLEAR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC273-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC273-Q1 Datasheet HTML 1Page - Texas Instruments SN74HC273-Q1 Datasheet HTML 2Page - Texas Instruments SN74HC273-Q1 Datasheet HTML 3Page - Texas Instruments SN74HC273-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC273-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC273-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC273-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC273-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC273-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SN74HC273Q1
OCTAL DTYPE FLIPFLOP
WITH CLEAR
SCLS578A − MARCH 2004 − REVISED APRIL 2008
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
MIN
MAX
UNIT
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
5
4
fclock
Clock frequency
4.5 V
27
18
MHz
fclock
Clock frequency
6 V
32
21
MHz
2 V
80
120
CLR low
4.5 V
16
24
tw
Pulse duration
CLR low
6 V
14
20
ns
tw
Pulse duration
2 V
80
120
ns
CLK high or low
4.5 V
16
24
CLK high or low
6 V
14
20
2 V
100
150
Data
4.5 V
20
30
tsu
Setup time before CLK
Data
6 V
17
25
ns
tsu
Setup time before CLK
2 V
100
150
ns
CLR inactive
4.5 V
20
30
CLR inactive
6 V
17
25
2 V
0
0
th
Hold time, data after CLK
4.5 V
0
0
ns
th
Hold time, data after CLK
6 V
0
0
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
MIN
MAX
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
2 V
5
11
4
fmax
4.5 V
27
50
18
MHz
fmax
6 V
32
60
21
MHz
2 V
55
160
240
tPHL
CLR
Any
4.5 V
15
32
48
ns
tPHL
CLR
Any
6 V
12
27
41
ns
2 V
56
160
240
tpd
CLK
Any
4.5 V
15
32
48
ns
tpd
CLK
Any
6 V
13
27
41
ns
2 V
38
75
110
tt
Any
4.5 V
8
15
22
ns
tt
Any
6 V
6
13
19
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per flip-flop
No load
35
pF


Similar Part No. - SN74HC273-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
More results

Similar Description - SN74HC273-Q1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
MM74HCT273 FAIRCHILD-MM74HCT273 Datasheet
106Kb / 8P
   Octal D-Type Flip-Flop with Clear
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com