Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST89C54-33-AC-NJ Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST89C54-33-AC-NJ
Description  FlashFlex51 MCU
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST89C54-33-AC-NJ Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST89C54-33-AC-NJ Datasheet HTML 6Page - Silicon Storage Technology, Inc SST89C54-33-AC-NJ Datasheet HTML 7Page - Silicon Storage Technology, Inc SST89C54-33-AC-NJ Datasheet HTML 8Page - Silicon Storage Technology, Inc SST89C54-33-AC-NJ Datasheet HTML 9Page - Silicon Storage Technology, Inc SST89C54-33-AC-NJ Datasheet HTML 10Page - Silicon Storage Technology, Inc SST89C54-33-AC-NJ Datasheet HTML 11Page - Silicon Storage Technology, Inc SST89C54-33-AC-NJ Datasheet HTML 12Page - Silicon Storage Technology, Inc SST89C54-33-AC-NJ Datasheet HTML 13Page - Silicon Storage Technology, Inc SST89C54-33-AC-NJ Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
© 2000 Silicon Storage Technology, Inc.
344-2 8/00
FlashFlex51 MCU
SST89C54 / SST89C58
Preliminary Specifications
Memory Re-mapping
The SST89C54/58 memory re-mapping feature allows
users to reorganize internal Flash memory sectors so
that interrupts may be serviced when Block 0 of the
internal Flash is being programmed. Since Block 0
occupies the low order program address space of the
8051 architecture where the interrupt vectors reside,
those interrupt vectors will normally not be available
when Block 0 is being programmed.
SST89C54/58 provides four options of Memory Re-
mapping (Refer to Table 2). When the lowest 4 KBytes
are remapped, any program access within logical ad-
dress range 0000h – 0FFFh will have the 4 most signifi-
cant address bits forced to “1”, redirecting the access to
F000h – FFFFh. Note that the physical contents of the
re-mapped portion of Block 0 (i.e. physical locations
0000h – 0FFFh in the current example) will not be
accessible. Block 1 will still also be accessible through
F000h – FFFFh. Figures 7 and 8 show re-mapped
program memory organization for the SST89C54/58.
FIGURE 6: SST89C58 PROGRAM MEMORY ORGANIZATION
344 ILL F11.1
32 KByte
EXTERNAL
64 KByte
EXTERNAL
32 KByte
INTERNAL
(Block 0)
28 KByte
EXTERNAL
32 KByte
INTERNAL
(Block 0)
4 KByte
INTERNAL
(Block 1)
EA# = 1 & SFCF[7] = 1
EA# = 1 & SFCF[7] = 0
EA# = 0
FFFFh
EFFFh
F000h
8000h
0000h
7FFFh
FFFFh
8000h
0000h
FFFFh
0000h
7FFFh


Similar Part No. - SST89C54-33-AC-NJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89C54-33-AC-NJ SST-SST89C54-33-AC-NJ Datasheet
3Mb / 45P
   FlashFlex51 MCU
More results

Similar Description - SST89C54-33-AC-NJ

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST89E564 SST-SST89E564 Datasheet
634Kb / 58P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD Datasheet
680Kb / 62P
   FlashFlex51 MCU
SST89C59 SST-SST89C59 Datasheet
3Mb / 45P
   FlashFlex51 MCU
SST89E58RD2 SST-SST89E58RD2 Datasheet
984Kb / 91P
   FlashFlex51 MCU
SST89E564RD SST-SST89E564RD_03 Datasheet
1Mb / 86P
   FlashFlex51 MCU
SST89E52RD2 SST-SST89E52RD2_06 Datasheet
937Kb / 81P
   FlashFlex51 MCU
SST89E52RD2-RD SST-SST89E52RD2-RD Datasheet
937Kb / 81P
   FlashFlex51 MCU
logo
Renesas Technology Corp
R8C-2C RENESAS-R8C-2C Datasheet
481Kb / 60P
   MCU
R8C-32A RENESAS-R8C-32A Datasheet
455Kb / 55P
   MCU
R8C-22 RENESAS-R8C-22 Datasheet
447Kb / 52P
   MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com