Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB055L-60 Datasheet(PDF) 1 Page - Rohm

Part # RB055L-60
Description  Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB055L-60 Datasheet(HTML) 1 Page - Rohm

  RB055L-60 Datasheet HTML 1Page - Rohm RB055L-60 Datasheet HTML 2Page - Rohm RB055L-60 Datasheet HTML 3Page - Rohm RB055L-60 Datasheet HTML 4Page - Rohm RB055L-60 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RB055L-60
Data Sheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Schottky Barrier Diode
RB055L-60
lApplications
lExternal Dimensions(Unit : mm)
lLand Size Figure(Unit : mm)
General rectification
lFeatures
1)Small power mold type.(PMDS)
2)Low IR
3)High reliability
lConstruction
Silicon epitaxial
lStructure
lTaping Dimensions(Unit : mm)
lAbsolute Maximum Ratings(Ta=25°C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
°C
Tstg
°C
lElectrical Characteristics(Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Forward voltage
VF
-
-
0.68
V
IF=3.0A
Reverse current
IR
-
-
70
mA
VR=60V
Conditions
70
Parameter
Junction temperature
Storage temperature
150
(*1)Mounting on epoxi board. 180°Half sine wave
-55 to +150
Forward current surge peak (60Hz・1cyc)
Limits
60
3
60
Parameter
Reverse voltage (DC)
Average rectified forward current (*1)
Reverse voltage (repetitive)
4.0±0.1
2.9±0.1
4.0±0.1
2.0±0.05
φ 1.55±0.05
φ 1.55
0.3
2.8MAX
PMDS
2.0
ROHM : PMDS
JEDEC : SOD-106
Manufacture Date
1
2
0.1±0.02
    0.1
2.6±0.2
2.0±0.2
1.5±0.2
2
1
6
9
1/4
2012.08 - Rev.A


Similar Part No. - RB055L-60

ManufacturerPart #DatasheetDescription
logo
Rohm
RB055L-60 ROHM-RB055L-60 Datasheet
683Kb / 8P
   Schottky Barrier Diode
RB055L-60 ROHM-RB055L-60 Datasheet
456Kb / 5P
   Schottky Barrier Diode
RB055L-60DD ROHM-RB055L-60DD Datasheet
2Mb / 8P
   Schottky Barrier Diode
RB055L-60TF ROHM-RB055L-60TF Datasheet
456Kb / 5P
   Schottky Barrier Diode
RB055L-60 ROHM-RB055L-60_15 Datasheet
683Kb / 8P
   Schottky Barrier Diode
More results

Similar Description - RB055L-60

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com