Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST28VF040A-90-4C-PH Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST28VF040A-90-4C-PH
Description  4 Mbit (512K x8) SuperFlash EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST28VF040A-90-4C-PH Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST28VF040A-90-4C-PH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-PH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST28VF040A-90-4C-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
4 Mbit SuperFlash EEPROM
SST28SF040A / SST28VF040A
5
©2001 Silicon Storage Technology, Inc.
S71077-04-000
6/01
310
FIGURE 2: PIN ASSIGNMENTS FOR 32-LEAD TSOP
FIGURE 3: PIN ASSIGNMENTS FOR 32-PIN PDIP
A11
A9
A8
A13
A14
A17
WE#
VDD
A18
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
VSS
DQ2
DQ1
DQ0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
310 ILL F01.2
Standard Pinout
Top View
Die Up
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32-pin
PDIP
Top View
310 ILL F19.0
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
DQ6
DQ5
DQ4
DQ3
TABLE
2: PIN DESCRIPTION
Symbol
Pin Name
Functions
A18-A8
Row Address Inputs
To provide memory addresses. Row addresses define a sector.
A7-A0
Column Address Inputs
Selects the byte within the sector
DQ7-DQ0
Data Input/output
To output data during Read cycles and receive input data during Write cycles.
Data is internally latched during a Write cycle.
The outputs are in tri-state when OE# or CE# is high.
CE#
Chip Enable
To activate the device when CE# is low.1
OE#
Output Enable
To gate the data output buffers.
WE#
Write Enable
To control the Write operations.1
VDD
Power Supply
To provide:
5.0V supply (±10%) for SST28SF040A
2.7V supply (2.7-3.6V) for SST28VF040A
VSS
Ground
T2.2 310
1. This pin is internally pull-up with a resistor.


Similar Part No. - SST28VF040A-90-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28VF040A-150-4C-EH SST-SST28VF040A-150-4C-EH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-150-4C-NH SST-SST28VF040A-150-4C-NH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-200-4C-EH SST-SST28VF040A-200-4C-EH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-200-4C-NH SST-SST28VF040A-200-4C-NH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-200-4I-EH SST-SST28VF040A-200-4I-EH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
More results

Similar Description - SST28VF040A-90-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com