Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CALVCH16827MDLREP Datasheet(PDF) 6 Page - Texas Instruments

Part # CALVCH16827MDLREP
Description  20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CALVCH16827MDLREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button CALVCH16827MDLREP Datasheet HTML 2Page - Texas Instruments CALVCH16827MDLREP Datasheet HTML 3Page - Texas Instruments CALVCH16827MDLREP Datasheet HTML 4Page - Texas Instruments CALVCH16827MDLREP Datasheet HTML 5Page - Texas Instruments CALVCH16827MDLREP Datasheet HTML 6Page - Texas Instruments CALVCH16827MDLREP Datasheet HTML 7Page - Texas Instruments CALVCH16827MDLREP Datasheet HTML 8Page - Texas Instruments CALVCH16827MDLREP Datasheet HTML 9Page - Texas Instruments CALVCH16827MDLREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VOH
VOL
th
tsu
From Output
Under Test
CL = 30 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
1 k
1 k
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + 0.15 V
VOH − 0.15 V
0 V
VCC
0 V
0 V
tw
VCC
VCC
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
0 V
VCC
VCC/2
tPHL
VCC/2
VCC/2
VCC
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VCC/2
tPLH
2
× VCC
VCC
SN74ALVCH16827-EP
20-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES676 – SEPTEMBER 2006
V
CC = 1.8 V
Figure 1. Load Circuit and Voltage Waveforms
6
Submit Documentation Feedback


Similar Part No. - CALVCH16827MDLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CALVCH16245IDLREP TI1-CALVCH16245IDLREP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CALVCH16245MDLREP TI1-CALVCH16245MDLREP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CALVCH16827MDLREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC16828 TI-SN74ALVC16828 Datasheet
208Kb / 4P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGGR TI-SN74AVC16827DGGR Datasheet
316Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162827 PERICOM-PI74ALVCH162827 Datasheet
330Kb / 4P
   20-Bit Buffer Driver with 3-STATE Outputs
PI74ALVCH16827 PERICOM-PI74ALVCH16827 Datasheet
296Kb / 4P
   20-Bit Buffer/Driver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH162827 TI-SN74ALVCH162827 Datasheet
152Kb / 10P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827 TI-SN74ALVCH16827 Datasheet
122Kb / 9P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827DGVR TI-SN74AVC16827DGVR Datasheet
338Kb / 15P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162827 TI1-SN74ALVCH162827_08 Datasheet
345Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16827DGGR TI1-SN74ALVCH16827DGGR Datasheet
300Kb / 14P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AVC16827 TI-SN74AVC16827 Datasheet
192Kb / 13P
[Old version datasheet]   20-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com