Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826AID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA826AID
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826AID Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA826AID Datasheet HTML 5Page - Texas Instruments INA826AID Datasheet HTML 6Page - Texas Instruments INA826AID Datasheet HTML 7Page - Texas Instruments INA826AID Datasheet HTML 8Page - Texas Instruments INA826AID Datasheet HTML 9Page - Texas Instruments INA826AID Datasheet HTML 10Page - Texas Instruments INA826AID Datasheet HTML 11Page - Texas Instruments INA826AID Datasheet HTML 12Page - Texas Instruments INA826AID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
VS = 5 V, G = 1
G034
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Output Voltage (V)
VREF = 0 V
VREF = 2.5 V
VS = 5 V, G = 100
G037
−4
−3
−2
−1
0
1
2
3
−4
−3
−2
−1
0
1
2
3
4
Output Voltage (V)
G = 1
G = 100
VS = ±3.3 V
VREF= 0 V
G039
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
Output Voltage (V)
G = 1
G = 100
VS = ±5 V
VREF= 0 V
G038
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
−16−14−12−10 −8 −6 −4 −2 0
2
4
6
8 10 12 14 16
Output Voltage (V)
VS= ±15 V
VS= ±12 V
G = 1, VREF= 0 V
G040
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
−16−14−12−10 −8 −6 −4 −2 0
2
4
6
8 10 12 14 16
Output Voltage (V)
VS= ±15 V
VS= ±12 V
G = 100, VREF= 0 V
G040
INA826
www.ti.com
SBOS562C – AUGUST 2011 – REVISED MARCH 2012
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
(Single Supply, VS = +5 V, G = 1)
(Single Supply, VS = +5 V, G = 100)
Figure 11.
Figure 12.
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
(Dual Supply, VS = ±3.3 V)
(Dual Supply, VS = ±5 V)
Figure 13.
Figure 14.
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
INPUT COMMON-MODE VOLTAGE vs OUTPUT VOLTAGE
(Dual Supply, VS = ±15 V, ±12 V, G = 1)
(Dual Supply, VS = ±15 V, ±12 V, G = 100)
Figure 15.
Figure 16.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): INA826


Similar Part No. - INA826AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826AID TI1-INA826AID Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826AID TI1-INA826AID Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
INA826AIDGK TI1-INA826AIDGK Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826AIDGK TI1-INA826AIDGK Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
INA826AIDGKR TI1-INA826AIDGKR Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
More results

Similar Description - INA826AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA823 TI-INA823_V01 Datasheet
3Mb / 40P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
NOVEMBER 2021
INA823 TI-INA823 Datasheet
3Mb / 33P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA826S TI1-INA826S Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
logo
List of Unclassifed Man...
R1524H050B-T1-AE ETC-R1524H050B-T1-AE Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Nisshinbo Micro Devices...
R1524X NISSHINBO-R1524X Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Texas Instruments
INA183 TI-INA183 Datasheet
1Mb / 24P
[Old version datasheet]   INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
logo
ON Semiconductor
NCS21911 ONSEMI-NCS21911 Datasheet
1Mb / 22P
   Precision Operational Amplifier, 25 V Offset, Zero-Drift, 36 V Supply, 2 MHz
June, 2020 ??Rev. 2
logo
Nisshinbo Micro Devices...
R1525X NISSHINBO-R1525X Datasheet
3Mb / 36P
   200 mA 42 V Ultra Low Supply Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com