Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST58LM192-70-C-FSI Datasheet(PDF) 5 Page - Silicon Storage Technology, Inc

Part # SST58LM192-70-C-FSI
Description  ATA-Disk Module
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM192-70-C-FSI Datasheet(HTML) 5 Page - Silicon Storage Technology, Inc

  SST58LM192-70-C-FSI Datasheet HTML 1Page - Silicon Storage Technology, Inc SST58LM192-70-C-FSI Datasheet HTML 2Page - Silicon Storage Technology, Inc SST58LM192-70-C-FSI Datasheet HTML 3Page - Silicon Storage Technology, Inc SST58LM192-70-C-FSI Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58LM192-70-C-FSI Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58LM192-70-C-FSI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LM192-70-C-FSI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LM192-70-C-FSI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LM192-70-C-FSI Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
5
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
1.0 GENERAL DESCRIPTION
The SST’s ATA-Disk Module (ADM) contains a controller,
embedded firmware, and Flash Media with a 40-pin or 44-
pin female connector. Refer to Figure 1-1 for SST’s ADM
block diagram. The controller interfaces with the host sys-
tem allowing data to be written to and read from the Flash
Media.
1.1 Performance-optimized ATA Controller
The heart of the ADM is the ATA controller which translates
standard ATA signals into Flash Media data and controls.
SST’s ADM contains a proprietary ATA controller specifi-
cally designed to attain high data throughput from host to
Flash. The following components contribute to the ATA con-
troller’s performance.
1.1.1 Microcontroller Unit (MCU)
The MCU translates ATA commands into data and control
signals required for flash memory operation.
1.1.2 Internal Direct Memory Access (DMA)
The ATA controller inside ADM uses DMA allowing instant
data transfer from buffer to memory. This implementation
eliminates microcontroller overhead associated with tradi-
tional, firmware based, memory control, increasing data
transfer rate.
1.1.3 Power Management Unit (PMU)
Power Management Unit controls the power consumption
of the ADM. The PMU dramatically extends product battery
life by putting the part of the circuitry that is not in operation
into sleep mode.
1.1.4 SRAM Buffer
A key contributor to the ATA controller performance is an
SRAM buffer. The buffer optimizes the data writes to Flash.
1.1.5 Embedded Flash File System
Embedded Flash File System is an integral part of the
SST’s ATM controller. It contains MCU Firmware that per-
forms the following tasks:
1. Translates host side signals into Flash Media
Writes and Reads.
2. Provides Flash Media wear leveling to spread the
Flash writes across all the memory address space
to increase the longevity of Flash Media.
3. Keeps track of data file structures.
1.1.6 Error Correction
The ATA Controller contains ECC algorithm that corrects 3
bytes of error per 512 Byte sector.
FIGURE
1-1: SST ATA-DISK MODULE BLOCK DIAGRAM
519 ILL1-1.4
40 or 44-Pin
Male IDE Connector
40 or 44-Pin
Female IDE Connector
PC
Mother
Board
ATA Controller
Flash
Media
Embedded
Flash
File System
MCU
ECC
Internal
DMA
SRAM Buffer
PMU
ATA-Disk Module


Similar Part No. - SST58LM192-70-C-FSI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58LD008 SST-SST58LD008 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD008-70-C-P1H SST-SST58LD008-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016 SST-SST58LD016 Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD016-70-C-P1H SST-SST58LD016-70-C-P1H Datasheet
363Kb / 40P
   ATA-Disk Chip
SST58LD024 SST-SST58LD024 Datasheet
363Kb / 40P
   ATA-Disk Chip
More results

Similar Description - SST58LM192-70-C-FSI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128EB2S3S-KS ETC2-AP-FM0128EB2S3S-KS Datasheet
188Kb / 21P
   Value Added ATA Disk Module
AP-FM0128E20S3S-KS1M ETC2-AP-FM0128E20S3S-KS1M Datasheet
218Kb / 21P
   Value Added ATA Disk Module ?
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS_14 Datasheet
186Kb / 20P
   Value Added ATA Disk Module ?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com