Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA826 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA826
Description  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA826 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA826_12 Datasheet HTML 10Page - Texas Instruments INA826_12 Datasheet HTML 11Page - Texas Instruments INA826_12 Datasheet HTML 12Page - Texas Instruments INA826_12 Datasheet HTML 13Page - Texas Instruments INA826_12 Datasheet HTML 14Page - Texas Instruments INA826_12 Datasheet HTML 15Page - Texas Instruments INA826_12 Datasheet HTML 16Page - Texas Instruments INA826_12 Datasheet HTML 17Page - Texas Instruments INA826_12 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
−100
−50
0
50
100
150
200
250
300
350
400
−15.5
−15.3
−15.1
−14.9
−14.7
−14.5
Common Mode Voltage (V)
−50°C
−40°C
+25°C
+85°C
+125°C
+150°C
VS = ±15 V
G057
−400
−350
−300
−250
−200
−150
−100
−50
0
50
100
13.8
13.9
14
14.1
14.2
14.3
14.4
Common Mode Voltage (V)
−50°C
−40°C
+25°C
+85°C
+125°C
+150°C
VS = ±15 V
G058
−100
−50
0
50
100
150
200
250
300
−0.5 −0.4 −0.3 −0.2 −0.1
0
0.1
0.2
0.3
0.4
0.5
Common Mode Voltage (V)
−50°C
−40°C
+25°C
+85°C
+125°C
+150°C
VS = 2.7 V
G059
−200
−150
−100
−50
0
50
100
150
200
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
Common Mode Voltage (V)
−50°C
−40°C
+25°C
+85°C
+125°C
+150°C
VS = 2.7 V
G060
14
14.2
14.4
14.6
14.8
15
0
2
4
6
8
10
12
14
16
Output Current (mA)
−50°C
−40°C
+25°C
+85°C
+125°C
+150°C
G045
−15
−14.8
−14.6
−14.4
−14.2
−14
0
2
4
6
8
10
12
14
16
Output Current (mA)
−50°C
−40°C
+25°C
+85°C
+125°C
+150°C
G046
INA826
SBOS562C – AUGUST 2011 – REVISED MARCH 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1, unless otherwise noted.
OFFSET VOLTAGE vs
OFFSET VOLTAGE vs
NEGATIVE COMMON-MODE VOLTAGE
POSITIVE COMMON-MODE VOLTAGE
(VS = ±15 V)
(VS = ±15 V)
Figure 41.
Figure 42.
OFFSET VOLTAGE vs
OFFSET VOLTAGE vs
NEGATIVE COMMON-MODE VOLTAGE
POSITIVE COMMON-MODE VOLTAGE
(VS = +2.7 V)
(VS = +2.7 V)
Figure 43.
Figure 44.
POSITIVE OUTPUT VOLTAGE SWING
NEGATIVE OUTPUT VOLTAGE SWING
vs OUTPUT CURRENT (VS = ±15 V)
vs OUTPUT CURRENT (VS = ±15 V)
Figure 45.
Figure 46.
14
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): INA826


Similar Part No. - INA826_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA826 TI1-INA826_13 Datasheet
1Mb / 43P
[Old version datasheet]   Supply Instrumentation Amplifier
More results

Similar Description - INA826_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA826 TI1-INA826 Datasheet
1Mb / 39P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
SEPTEMBER2011
INA826_1112 TI-INA826_1112 Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
INA823 TI-INA823_V01 Datasheet
3Mb / 40P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
NOVEMBER 2021
INA823 TI-INA823 Datasheet
3Mb / 33P
[Old version datasheet]   INA823 Precision, Low-Power, Wide-Supply (2.7-V to 36-V) Instrumentation Amplifier
REVISED JULY 2021
INA826S TI1-INA826S Datasheet
1Mb / 40P
[Old version datasheet]   Precision, 200-uA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output and Shutdown
logo
List of Unclassifed Man...
R1524H050B-T1-AE ETC-R1524H050B-T1-AE Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Nisshinbo Micro Devices...
R1524X NISSHINBO-R1524X Datasheet
2Mb / 37P
   200 mA 36 V Input Ultra Low Supply Current VR for Automotive Applications
logo
Texas Instruments
INA183 TI-INA183 Datasheet
1Mb / 24P
[Old version datasheet]   INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
logo
ON Semiconductor
NCS21911 ONSEMI-NCS21911 Datasheet
1Mb / 22P
   Precision Operational Amplifier, 25 V Offset, Zero-Drift, 36 V Supply, 2 MHz
June, 2020 ??Rev. 2
logo
Nisshinbo Micro Devices...
R1525X NISSHINBO-R1525X Datasheet
3Mb / 36P
   200 mA 42 V Ultra Low Supply Current Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com