Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27517DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27517DBVR
Description  Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27517DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27517DBVR Datasheet HTML 6Page - Texas Instruments UCC27517DBVR Datasheet HTML 7Page - Texas Instruments UCC27517DBVR Datasheet HTML 8Page - Texas Instruments UCC27517DBVR Datasheet HTML 9Page - Texas Instruments UCC27517DBVR Datasheet HTML 10Page - Texas Instruments UCC27517DBVR Datasheet HTML 11Page - Texas Instruments UCC27517DBVR Datasheet HTML 12Page - Texas Instruments UCC27517DBVR Datasheet HTML 13Page - Texas Instruments UCC27517DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
600
700
Frequency (kHz)
VDD=4.5V
VDD=12V
VDD=15V
CLoad = 1.8 nF
G010
6
8
10
12
14
16
18
20
0
4
8
12
16
20
Supply Voltage (V)
Turn−On
Turn−Off
G007
6
7
8
9
10
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLoad = 1.8 nF
G000
5
10
15
20
−50
0
50
100
150
Temperature (°C)
Turn−On
Turn−Off
VDD = 12 V
G006
0.2
0.4
0.6
0.8
1
−50
0
50
100
150
Temperature (°C)
ROL
G000
4
5
6
7
8
−50
0
50
100
150
Temperature (°C)
VDD = 12 V
CLoad = 1.8 nF
G000
UCC27517
UCC27516
SLUSAY4B – MARCH 2012 – REVISED JUNE 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OUTPUT PULL-DOWN RESISTANCE
RISE TIME
vs
vs
TEMPERATURE
TEMPERATURE
Figure 11.
Figure 12.
FALL TIME
INPUT TO OUTPUT PROPAGATION DELAY
vs
vs
TEMPERATURE
TEMPERATURE
Figure 13.
Figure 14.
OPERATING SUPPLY CURRENT
PROPAGATION DELAYS
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): UCC27517 UCC27516


Similar Part No. - UCC27517DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517DBVR TI1-UCC27517DBVR Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517DBVR TI1-UCC27517DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27517DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com