Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27517DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27517DBVR
Description  Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27517DBVR Datasheet(HTML) 1 Page - Texas Instruments

  UCC27517DBVR Datasheet HTML 1Page - Texas Instruments UCC27517DBVR Datasheet HTML 2Page - Texas Instruments UCC27517DBVR Datasheet HTML 3Page - Texas Instruments UCC27517DBVR Datasheet HTML 4Page - Texas Instruments UCC27517DBVR Datasheet HTML 5Page - Texas Instruments UCC27517DBVR Datasheet HTML 6Page - Texas Instruments UCC27517DBVR Datasheet HTML 7Page - Texas Instruments UCC27517DBVR Datasheet HTML 8Page - Texas Instruments UCC27517DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
UCC27517
UCC27516
www.ti.com
SLUSAY4B – MARCH 2012 – REVISED JUNE 2012
Single Channel High-Speed, Low-Side Gate Driver
(with 4-A Peak Source and 4-A Peak Sink)
Check for Samples: UCC27517, UCC27516
1
FEATURES
APPLICATIONS
Low-Cost, Gate-Driver Device Offering
Switch-Mode Power Supplies
Superior Replacement of NPN and PNP
DC-to-DC Converters
Discrete Solutions
Companion Gate Driver Devices for Digital
4-A Peak Source and 4-A Peak Sink
Power Controllers
Symmetrical Drive
Solar Power, Motor Control, UPS
Fast Propagation Delays (13-ns typical)
Gate Driver for Emerging Wide Band-Gap
Fast Rise and Fall Times (9-ns and 7-ns
Power Devices (such as GaN)
typical)
4.5-V to 18-V Single Supply Range
DESCRIPTION
The UCC27516 and UCC27517 single-channel, high-
Outputs Held Low During VDD UVLO (ensures
speed, low-side gate driver devices are capable of
glitch free operation at power-up and power-
effectively
driving
MOSFET
and
IGBT
power
down)
switches. Using a design that inherently minimizes
TTL and CMOS Compatible Input Logic
shoot-through current, UCC27516 and UCC27517
Threshold (independent of supply voltage)
are capable of sourcing and sinking high, peak-
Hysteretic Logic Thresholds for High Noise
current pulses into capacitive loads offering rail-to-rail
drive capability and extremely small propagation
Immunity
delay typically 13 ns.
Dual Input Design (choice of an inverting (IN-
pin) or non-inverting (IN+ pin) driver
The UCC27516 and UCC27517 provides 4-A source,
4-A
sink
(symmetrical
drive)
peak-drive
current
configuration)
capability at VDD = 12 V.
Unused Input Pin can be Used for Enable
or Disable Function
The UCC27516 and UCC27517 is designed to
operate over a wide VDD range of 4.5 V to 18 V and
Output Held Low when Input Pins are Floating
wide temperature range of -40°C to 140°C. Internal
Input Pin Absolute Maximum Voltage Levels
Under Voltage Lockout (UVLO) circuitry on VDD pin
Not Restricted by VDD Pin Bias Supply
holds output low outside VDD operating range. The
Voltage
capability to operate at low voltage levels such as
Operating Temperature Range of -40°C to
below 5 V, along with best in class switching
characteristics,
is
especially
suited
for
driving
140°C
emerging wide band-gap power switching devices
5-Pin DBV (SOT-23) and 6-Pin DRS (3 mm x 3
such as GaN power semiconductor devices.
mm WSON with exposed thermal pad)
Package Options
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27517DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517DBVR TI1-UCC27517DBVR Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517DBVR TI1-UCC27517DBVR Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27517DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517 TI1-UCC27517_13 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com