Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UCC2895-EP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. UCC2895-EP
Description  BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2895-EP Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCC2895-EP Datasheet HTML 10Page - Texas Instruments UCC2895-EP Datasheet HTML 11Page - Texas Instruments UCC2895-EP Datasheet HTML 12Page - Texas Instruments UCC2895-EP Datasheet HTML 13Page - Texas Instruments UCC2895-EP Datasheet HTML 14Page - Texas Instruments UCC2895-EP Datasheet HTML 15Page - Texas Instruments UCC2895-EP Datasheet HTML 16Page - Texas Instruments UCC2895-EP Datasheet HTML 17Page - Texas Instruments UCC2895-EP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
Vcs = 0 V
Vcs = 2 V
RDEL (kW)
10
20
30
40
0
20
40
60
80
100
1
100
10000
1000000
FREQUENCY (Hz)
0
40
80
120
160
200
GAIN (dB)
PHASE MARGIN (5C)
0.8
0.85
0.9
0.95
1
TEMPERATURE (5C)
−60
−40
−20
0
20
40
60
80
100
120
0
200
400
600
800
1000
1200
1400
1600
100
1000
RT = 47 K
RT = 62 k
RT = 82 k
RT = 100 k
CT (pF)
4
5
6
7
8
9
0
400
800
1200
1600
OSCILLATOR FREQUENCY (kHz)
VDD = 10 V
VDD = 12 V
VDD = 15 V
VDD = 17 V
4
5
6
7
8
9
10
11
12
13
OSCILLATOR FREQUENCY (kHz)
VDD = 10 V
VDD = 12 V
VDD = 15 V
VDD = 17 V
0
400
800
1200
1600
UCC2895-EP
SCBS809F – DECEMBER 2005 – REVISED OCTOBER 2009
www.ti.com
TYPICAL CHARACTERISTICS
Figure 10. Delay Programming (Characterizes Output Delay
Figure 11. Error Amplifier Gain/Phase Margin
Between A/B, C/D)
Figure 12. EAOUT to RAMP Offset Over Temperature
Figure 13. Frequency vs RT/CT (Oscillator Frequency)
Figure 14. IDD vs VDD/Oscillator Frequency
Figure 15. IDD vs VDD/Oscillator Frequency
(No Output Loading)
(With 0.1-nf Output Loads)
14
Submit Documentation Feedback
Copyright © 2005–2009, Texas Instruments Incorporated
Product Folder Link(s): UCC2895-EP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn